Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC811 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC811
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC811 Datasheet(HTML) 2 Page - Texas Instruments

  DAC811 Datasheet HTML 1Page - Texas Instruments DAC811 Datasheet HTML 2Page - Texas Instruments DAC811 Datasheet HTML 3Page - Texas Instruments DAC811 Datasheet HTML 4Page - Texas Instruments DAC811 Datasheet HTML 5Page - Texas Instruments DAC811 Datasheet HTML 6Page - Texas Instruments DAC811 Datasheet HTML 7Page - Texas Instruments DAC811 Datasheet HTML 8Page - Texas Instruments DAC811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
DAC811
2
DAC811AH, JP, JU
DAC811BH, KP, KU
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL INPUT
Resolution
12
T
Bits
Codes(1)
USB, BOB
T
Digital Inputs Over Temperature Range(2)
VIH
+2
+15
TT
VDC
VIL
0
+0.8
TT
VDC
IIH, VI = +2.7V
+10
T
µA
IIL, VI = +0.4V
±20
T
µA
Digital Interface Timing Over Temperature Range
tWP, WR Pulse Width
50
T
ns
tAW1, NX and LDAC Valid to End of WR
50
T
ns
tDW, Data Valid to End of WR
80
T
ns
tDH, Data Valid Hold Time
0
T
ns
ACCURACY
Linearity Error
±1/4
±1/2
±1/8
±1/4
LSB
Differential Linearity Error
±1/2
±3/4
±1/4
±1/2
LSB
Gain Error(3)
±0.1
±0.2
TT
%
Offset Error(3, 4)
±0.05
±0.15
TT
% of FSR(5)
Monotonicity
Guaranteed
T
Power Supply Sensitivity: +VCC
±0.001
±0.003
TT
% of FSR/%VCC
–VCC
±0.002
±0.006
TT
% of FSR/%VCC
VDD
±0.0005
±0.0015
TT
% of FSR/%VDD
DRIFT (Over Specification Temperature Range)
Gain
±10
±30
±10
±20
ppm/
°C
Unipolar Offset
±5
±10
±5
±7
ppm of FSR/
°C
Bipolar Zero
±5
±10
±5
±7
ppm of FSR/
°C
Linearity Error Over Temperature Range
±1/2
±3/4
±1/4
±1/2
LSB
Monotonicity Over Temperature Range
Guaranteed
T
SETTLING TIME(6) (to within
±0.01% of FSR of Final Value; 2kΩ load)
For Full Scale Range Change, 20V Range
3
4
TT
µs
10V Range
3
4
TT
µs
For 1LSB Change at Major Carry(7)
1
T
µs
Slew Rate(6)
812
TT
V/
µs
ANALOG OUTPUT
Voltage Range (
±V
CC = 15V)
(8): Unipolar
0 to +10
T
V
Bipolar
±5, ±10
T
V
Output Current
±5
T
mA
Output Impedance (at DC)
0.2
T
Ω
Short Circuit to Common Duration
Indefinite
T
REFERENCE VOLTAGE
Voltage
+6.2
+6.3
+6.4
TT
T
V
Source Current Available for External Loads
+2
T
mA
Temperature Coefficient
±10
±30
±10
±20
ppm/
°C
Short Circuit to Common Duration
Indefinite
T
POWER SUPPLY REQUIREMENTS
Voltage: +VCC
+11.4
+15
+16.5
TT
T
VDC
–VCC
–11.4
–15
–16.5
TT
T
VDC
VDD
+4.5
+5
+5.5
TT
T
VDC
Current (no load): +VCC
+16
+25
TT
mA
–VCC
–23
–35
TT
mA
VDD
+8
+15
TT
mA
Potential at DCOM with Respect to ACOM(9)
±0.5
T
V
Power Dissipation
625
800
TT
mW
TEMPERATURE RANGE
Specification: J, K
0
+70
TT
°C
A, B
–25
+85
TT
°C
R, S
–65
+150
TT
°C
°C
Storage: J, K
–60
+100
TT
°C
A, B, R, S
–65
+150
TT
°C
T Specification same as DAC811AH, JP, JU.
NOTES: (1) USB = unipolar straight binary; BOB = bipolar offset binary. (2) TTL, LSTTL and 54/74 HC compatible. (3) Adjustable to zero with external trim
potentiometer. (4) Error at input code 00016 for both unipolar and bipolar ranges. (5) FSR means full scale range and is 20V for the ±10V range. (6) Maximum
represents the 3
σ limit. Not 100% tested for this parameter. (7) At the major carry, 7FF
16 to 80016 and 80016 to 7FF16. (8) Minimum supply voltage required for ±10V
output swing is
±13.5V. Output swing for ±11.4V supplies is at least –8V to +8V. (9) The maximum voltage at which ACOM and DCOM may be separated without
affecting accuracy specifications.
SPECIFICATIONS
At TA = +25°C. ±VCC = 12V or 15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com