Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8501E/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8501E/2K5
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8501E/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8501E/2K5 Datasheet HTML 3Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 4Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 5Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 6Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 7Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 8Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 9Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 10Page - Texas Instruments DAC8501E/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DAC8501
7
SBAS212A
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +5V (Cont.)
At TA = +25°C, and +VDD = +5V, unless otherwise noted.
FULL-SCALE SETTLING TIME
Time (2
µs/div)
Scope Trigger (5.0V/div)
Large-Signal Output (1.0V/div)
Small-Signal Error (1mV/div)
Full-Scale Code Change
0000
H to FFFFH
Output Loaded with
2k
Ω and 200pF to GND
FULL-SCALE SETTLING TIME
Time (2
µs/div)
Large-Signal Output (1.0V/div)
Small-Signal Error (1mV/div)
Full-Scale Code Change
FFFF
H to 0000H
Output Loaded with
2k
Ω and 200pF to GND
Scope Trigger (5.0V/div)
HALF-SCALE SETTLING TIME
Time (2
µs/div)
Large-Signal Output (1.0V/div)
Small-Signal Error (1mV/div)
Half-Scale Code Change
4000
H to C000H
Output Loaded with
2k
Ω and 200pF to GND
Scope Trigger (5.0V/div)
HALF-SCALE SETTLING TIME
Time (2
µs/div)
Large-Signal Output (1V/div)
Small-Signal Error (1mV/div)
Half-Scale Code Change
C000
H to 4000H
Output Loaded with
2k
Ω and 200pF to GND
Scope Trigger (5.0V/div)
POWER-ON RESET TO 0V
Time (50
µs/div)
Loaded with 2k
Ω to V
DD.
V
OUT (1V/div)
V
DD (2V/div)
EXITING POWER-DOWN
(8000
H Loaded)
Time (2
µs/div)
Output (1.0V/div)
Scope Trigger (5.0V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com