Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC101 Datasheet(PDF) 2 Page - Texas Instruments

Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC101 Datasheet(HTML) 2 Page - Texas Instruments

  DDC101 Datasheet HTML 1Page - Texas Instruments DDC101 Datasheet HTML 2Page - Texas Instruments DDC101 Datasheet HTML 3Page - Texas Instruments DDC101 Datasheet HTML 4Page - Texas Instruments DDC101 Datasheet HTML 5Page - Texas Instruments DDC101 Datasheet HTML 6Page - Texas Instruments DDC101 Datasheet HTML 7Page - Texas Instruments DDC101 Datasheet HTML 8Page - Texas Instruments DDC101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
®
DDC101
2
TABLE OF CONTENTS
Section 1 ............. Basic Theory of Operation
2 ............. Specifications
3 ............. Pin Descriptions
4 ............. Timing Diagrams
5 ............. Discussion of Specifications
6 ............. Detailed Theory of Operation
7 ............. Applications Information
8 ............. Mechanical
The second block diagram, Figure 2, shows the DDC101
circuit architecture which implements these functions
monolithically. During each conversion, the input signal
current is collected on the internal integration capacitance,
C
INT, as charge for a user determined integration period, TINT.
As the integration capacitor collects input charge, the track-
ing logic updates the internal high resolution D/A converter
at a 2MHz rate to maintain the analog input node at virtual
ground.
The digital filter oversamples the tracking logic’s output at
the beginning and end of each integration period to produce
two oversampled data points. The DDC101 measures the
charge accumulated in the integration and performs corre-
lated double sampling (CDS) by subtracting these two data
points. CDS eliminates integration cycle dependent errors
such as charge injection, offset voltage, and reset noise since
these errors are measured with the signal at each of the two
data points. The number of oversamples, and thus the fre-
quency response of the digital filter, is user programmable.
The digital filter passes a low noise, high resolution digital
output to the serial I/O register. Since the timing control of
the serial I/O register is independent of the DDC101 conver-
sion process, the outputs of multiple DDC101 units can be
connected together in series or parallel to minimize intercon-
nections.
SECTION 1
BASIC THEORY OF OPERATION
The basic function of the DDC101 is illustrated in the
Simplified Equivalent Circuit shown in Figure 1. The opera-
tion is equivalent to the functions performed by a very high
quality, low bias current switched integrator followed by a
precision floating point programmable gain amplifier and
ending with a high resolution A/D converter.
FIGURE 1. Simplified Equivalent Circuit of DDC101 to Illustrate Function.
FIGURE 2. DDC101 Block Diagram.
C
INT
Digital Integration,
Tracking and
Control Logic
Digital Filter and
Error Correction
Serial I/O
Register
Serial In
Serial Out
Reset
DAC
CDAC
DDC101 Integrated Circuit
Comparator
V
REF
Analog
Input
Ground
Setup
Oversampled
Digital Out
18 Bits
20 Bits
Test In
+V
S
Test Current
C
INT
Data Out
Reset
Switched Integrator
Programmable Gain
Amplifier
A/D Converter
and Control Logic
Sensor
i Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com