Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIT4192IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # DIT4192IPWR
Description  192kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4192IPWR Datasheet(HTML) 1 Page - Texas Instruments

  DIT4192IPWR Datasheet HTML 1Page - Texas Instruments DIT4192IPWR Datasheet HTML 2Page - Texas Instruments DIT4192IPWR Datasheet HTML 3Page - Texas Instruments DIT4192IPWR Datasheet HTML 4Page - Texas Instruments DIT4192IPWR Datasheet HTML 5Page - Texas Instruments DIT4192IPWR Datasheet HTML 6Page - Texas Instruments DIT4192IPWR Datasheet HTML 7Page - Texas Instruments DIT4192IPWR Datasheet HTML 8Page - Texas Instruments DIT4192IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DIT4192
SBOS229B – DECEMBER 2001 – REVISED JUNE 2003
DESCRIPTION
The DIT4192 is a digital audio transmitter designed for use
in both professional and consumer audio applications. Trans-
mit data rates up to 192kHz are supported. The DIT4192
supports both software and hardware operation, which makes
it suitable for applications with or without a microcontroller. A
flexible serial audio interface is provided, supporting stan-
dard audio data formats and easy interfacing to audio DSP
serial ports.
Copyright © 2001-2003, Texas Instruments Incorporated
192kHz Digital Audio Transmitter
FEATURES
q COMPLIANT WITH AES-3, IEC-60958, AND EIAJ
CP1201 INTERFACE STANDARDS
q SUPPORTS SAMPLING RATES UP TO 192kHz
q SUPPORTS MONO-MODE OPERATION
q ON-CHIP DIFFERENTIAL LINE DRIVER
q FLEXIBLE AUDIO SERIAL INTERFACE:
-Master or Slave Mode Operation
-Supports I2S, Left-Justified, and Right-Justified
Data Formats
q SOFTWARE MODE VIA SERIAL CONTROL
INTERFACE:
-Block Sized Buffer for Channel Status Data
-Auto Increment Mode for Block Sized Write and
Read Operations
q HARDWARE MODE ALLOWS OPERATION
WITHOUT A MICROCONTROLLER
q CRC CODE GENERATION FOR PROFESSIONAL
MODE
q MASTER CLOCK RATE: 128f
S, 256fS, 384fS, or 512fS
q +5V CORE SUPPLY (V
DD)
q +2.7V TO V
DD LOGIC I/O SUPPLY (VIO)
q PACKAGE: TSSOP-28
APPLICATIONS
q DIGITAL MIXING CONSOLES
q DIGITAL MICROPHONES
q DIGITAL AUDIO WORKSTATIONS
q BROADCAST STUDIO EQUIPMENT
q EFFECTS PROCESSORS
q SURROUND-SOUND DECODERS AND ENCODERS
q A/V RECEIVERS
q DVD, CD, DAT, AND MD PLAYERS
q AUDIO TEST EQUIPMENT
DIT4192


Similar Part No. - DIT4192IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4192IPWR TI-DIT4192IPWR Datasheet
339Kb / 22P
192kHz Digital Audio Transmitter
DIT4192IPWR TI1-DIT4192IPWR Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
More results

Similar Description - DIT4192IPWR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4117 AKM-AK4117 Datasheet
342Kb / 36P
LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
DIT4192 TI-DIT4192 Datasheet
339Kb / 22P
192kHz Digital Audio Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Asahi Kasei Microsystem...
AKD4113-B AKM-AKD4113-B Datasheet
330Kb / 21P
192kHz digital audio receiver
AKD4116-B AKM-AKD4116-B Datasheet
235Kb / 19P
192kHz digital audio receiver
AK4117 AKM-AK4117_10 Datasheet
475Kb / 37P
Low Power 192kHz Digital Audio Receiver
logo
Texas Instruments
DIT4096 TI1-DIT4096_15 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com