Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CELLX Datasheet(PDF) 2 Page - Coherent Corp

Part # CELLX
Description  The Universal Light Engine for Free-Space Applications, Flow Cytometry, and Microscopy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CELLX Datasheet(HTML) 2 Page - Coherent Corp

  CELLX Datasheet HTML 1Page - Coherent Corp CELLX Datasheet HTML 2Page - Coherent Corp CELLX Datasheet HTML 3Page - Coherent Corp CELLX Datasheet HTML 4Page - Coherent Corp CELLX Datasheet HTML 5Page - Coherent Corp CELLX Datasheet HTML 6Page - Coherent Corp CELLX Datasheet HTML 7Page - Coherent Corp CELLX Datasheet HTML 8Page - Coherent Corp CELLX Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
CellX
1) CellX - the four laser free-space output laser engine with adjustable beam steering and divergence (focus)
2) CellX for Flow Cytometry and Particle Measuring
3) CellX for Microscopy
CellX has built in lasers, telescope, beam combiner,
beam steering, and electronics
CellX with Heat Sink and Objective Lens. Offers the focus
beam stripes and stripe separation for a Flow Cytometer or
Particle Measuring applications.
CellX by itself is a powerful 1 to 4 laser system with adjustable
divergence (focus) and beam steering/spacing
CellX where the CellX has all four beams with 0.7mm for
coupling to a fiber. With CellX telescope adjustments and
beam steering to optimize the coupling.
Shown below are the three applications and accessories. Each enables CellX to be the ideal choice as a stand-alone laser
engine, or the application solution for Flow Cytometry lasers, or with 4-lasers into a fiber delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com