Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1864 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1864
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1864 Datasheet HTML 8Page - Linear Technology LTC1864 Datasheet HTML 9Page - Linear Technology LTC1864 Datasheet HTML 10Page - Linear Technology LTC1864 Datasheet HTML 11Page - Linear Technology LTC1864 Datasheet HTML 12Page - Linear Technology LTC1864 Datasheet HTML 13Page - Linear Technology LTC1864 Datasheet HTML 14Page - Linear Technology LTC1864 Datasheet HTML 15Page - Linear Technology LTC1864 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2453
14
2453f
TYPICAL APPLICATION
IN+
7
8
R7
4.99k
1%
R6
4.99k
1%
21
34
9
IN–
SCL
6
5
SDA
REF–
C8
0.1
μF
C7
0.1
μF
C2
0.1
μF
VCC
R1
1k
E1
IN+
E2
IN–
R9
1k
C6
0.1
μF
C3
1
μF
C4
1
μF
1
LT6660
3
4
2
R4
1.0
Ω
C1
0.1
μF
C10
0.1
μF
JP1
EXT
5V
GND
REF+
LTC2453
VCC
VCC
SCL SDA
GND
NC
3
14
12
9
10
11
5
7
4
6
2
1
V+
J1
TO
CONTROLLER
VCC
813
2453 TA02
EESCL
EEVCC
EESDA
EEGND
CS
SCK/SCL
MOSI/SDA
MISO
VUNREG
5V
GND GND
GND
E3
VCC
E4
GND
E6
REF–
JP2
EXT
GND
E5
REF+
2
1
3
7
6
SDA
VCC
4
8
5
SCL
WP
A2
A1
A0
GND
24LC025-I/ST
IN
V+
OUT
GND GND
R8
4.99k
1%
C5
0.1
μF
C9
1
μF
DC1266A Demo Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com