Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1865 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1865
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865 Datasheet(HTML) 4 Page - Linear Technology

  LTC1865 Datasheet HTML 1Page - Linear Technology LTC1865 Datasheet HTML 2Page - Linear Technology LTC1865 Datasheet HTML 3Page - Linear Technology LTC1865 Datasheet HTML 4Page - Linear Technology LTC1865 Datasheet HTML 5Page - Linear Technology LTC1865 Datasheet HTML 6Page - Linear Technology LTC1865 Datasheet HTML 7Page - Linear Technology LTC1865 Datasheet HTML 8Page - Linear Technology LTC1865 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2453
4
2453f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity, VCC = 5V
Integral Nonlinearity, VCC = 3V
Maximum INL vs Temperature
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 7)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time
●
13
16.6
23
ms
fSCL
SCL Clock Frequency
●
0
400
kHz
tHD(SDA)
Hold Time (Repeated) START Condition
●
0.6
μs
tLOW
LOW Period of the SCL Pin
●
1.3
μs
tHIGH
HIGH Period of the SCL Pin
●
0.6
μs
tSU(STA)
Set-Up Time for a Repeated START Condition
●
0.6
μs
tHD(DAT)
Data Hold Time
●
0
0.9
μs
tSU(DAT)
Data Set-Up Time
●
100
ns
tr
Rise Time for SDA/SCL Signals
(Note 6)
●
20 + 0.1CB
300
ns
tf
Fall Time for SDA/SCL Signals
(Note 6)
●
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for STOP Condition
●
0.6
μs
tBUF
Bus Free Time Between a Stop and Start Condition
●
1.3
μs
tOF
Output Fall Time VIHMIN to VILMAX
Bus Load CB 10pF to
400pF (Note 6)
●
20 + 0.1CB
250
ns
tSP
Input Spike Suppression
●
50
ns
I2C TIMING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All voltage values are with respect to GND. VCC = 2.7V to 5.5V
unless otherwise specified.
VREF = VREF+ – VREF–, VREFCM = (VREF+ + VREF–)/2, FS = VREF+ – VREF–;
VIN = VIN+ – VIN–, –VREF ≤ VIN ≤ VREF; VINCM = (VIN+ + VIN–)/2.
Note 3. Guaranteed by design, not subject to test.
Note 4. Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
Guaranteed by design and test correlation.
Note 5. Input sampling current is the average input current drawn from
the input sampling network while the LTC2453 is converting.
Note 6. CB = capacitance of one bus line in pF.
Note 7. All values refer to VIH(MIN) and VIL(MAX) levels.
Note 8. A positive current is flowing into the DUT pin.
DIFFERENTIAL INPUT VOLTAGE (V)
–5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
3
2453 G01
–3
–1
1
5
2
–4
–2
0
4
VCC = 5V
VREF
+ = 5V
VREF
– = 0V
TA = –45°C, 25°C, 90°C
DIFFERENTIAL INPUT VOLTAGE (V)
–3
–0.5
0
0.5
0
2
2453 G02
–1.0
–1.5
–2.0
–2
–1
1
1.0
1.5
2.0
3
VCC = 3V
VREF
+ = 3V
VREF
– = 0V
TA = –45°C, 25°C, 90°C
TEMPERATURE (
°C)
–50
0
0.5
1.0
1.5
2.0
–25
0
25
50
2453 G03
75
100
VCC = VREF
+ = 5V, 4.1V, 3V
(TA = 25°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com