Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD1GLW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSD1GLW
Description  1A, 400V - 600V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD1GLW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSD1GLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSD1GLW
– TSD1JLW
Taiwan Semiconductor
3
Version: A2309
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.5 Typical Transient Thermal Impedance
0
0.5
1
1.5
0
25
50
75
100
125
150
175
1
10
100
1
10
100
f=1.0MHz
Vsig=50mVp-p
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90 100
T
J=25°C
T
J=125°C
T
J=150°C
T
J=175°C
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
T
J= -40°C
T
J=150°C
T
J=175°C
0.0001
0.001
0.01
0.1
1
10
100
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
LEAD TEMPERATURE (°C)
PULSE DURATION (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com