Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD3GAL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD3GAL
Description  3A, 400V - 600V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD3GAL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD3GAL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD3GAL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD3GAL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD3GAL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD3GAL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSD3GAL
– TSD3JAL
Taiwan Semiconductor
1
Version: A2309
3A, 400V - 600V ESD Capability Rectifier
FEATURES
● High ESD capability
● Glass passivated chip junction
● Low forward voltage drop
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● General purpose
● Polarity protection
MECHANICAL DATA
● Case: Thin SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.030g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
3
A
VRRM
400 - 600
V
IFSM
50
A
TJ MAX
175
°C
Package
Thin SMA
Configuration
Single die
Thin SMA
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSD3GAL
TSD3JAL
UNIT
Marking code on the device
D3GAL
D3JAL
Repetitive peak reverse voltage
VRRM
400
600
V
Reverse voltage, total rms value
VR(RMS)
280
420
V
Forward current
IF
3
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
50
A
t = 1.0ms
145
Junction temperature
TJ
-40 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - TSD3GAL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD3GALH TSC-TSD3GALH Datasheet
286Kb / 5P
3A, 400V - 600V ESD Capability Rectifier
Version: B2312
More results

Similar Description - TSD3GAL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SUF140L BWTECH-SUF140L Datasheet
395Kb / 4P
Surface Mount ESD Capability Rectifiers 1.0 Amp 400V
logo
Vishay Siliconix
MSE1PJ VISHAY-MSE1PJ_15 Datasheet
94Kb / 5P
Surface Mount ESD Capability Rectifier
24-May-12
MSE07PB VISHAY-MSE07PB Datasheet
99Kb / 4P
Surface Mount ESD Capability Rectifier
09-Apr-14
MSX1PB VISHAY-MSX1PB Datasheet
108Kb / 5P
Surface-Mount ESD Capability Rectifier
24-Jan-18
logo
Taiwan Semiconductor Co...
TSD1G TSC-TSD1G Datasheet
316Kb / 6P
1A, 400V ESD Capability Rectifier
TSD2G TSC-TSD2G Datasheet
280Kb / 6P
2A, 400V ESD Capability Rectifier
TSD3G TSC-TSD3G Datasheet
314Kb / 6P
3A, 400V ESD Capability Rectifier
TSDGLW TSC-TSDGLW Datasheet
312Kb / 5P
1A, 400V ESD Capability Rectifier
MUR340SBH TSC-MUR340SBH Datasheet
410Kb / 5P
3A, 400V - 600V High Efficient Surface Mount Rectifier
MUR340SB TSC-MUR340SB Datasheet
414Kb / 5P
3A, 400V - 600V High Efficient Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com