Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2440
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440 Datasheet(HTML) 2 Page - Linear Technology

  LTC2440 Datasheet HTML 1Page - Linear Technology LTC2440 Datasheet HTML 2Page - Linear Technology LTC2440 Datasheet HTML 3Page - Linear Technology LTC2440 Datasheet HTML 4Page - Linear Technology LTC2440 Datasheet HTML 5Page - Linear Technology LTC2440 Datasheet HTML 6Page - Linear Technology LTC2440 Datasheet HTML 7Page - Linear Technology LTC2440 Datasheet HTML 8Page - Linear Technology LTC2440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2453
2
2453f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage (VIN+, VIN–).. –0.3V to (VCC + 0.3V)
Reference Voltage (VREF+, VREF–).. –0.3V to (VCC + 0.3V)
Digital Voltage (SDA, SCL)............ –0.3V to (VCC + 0.3V)
Storage Temperature Range................... –65°C to 150°C
Operating Temperature Range
LTC2453C ................................................ 0°C to 70°C
LTC2453I ............................................. –40°C to 85°C
(Notes 1, 2)
TOP VIEW
9
DD8 PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
REF–
REF+
VCC
SDA
SCL
IN+
IN–
C/I GRADE TJMAX = 125°C, θJA = 76°C/W (NOTE 4)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
(Note 3)
●
16
Bits
Integral Nonlinearity
(Note 4)
●
2
10
LSB
Offset Error
●
2
10
LSB
Offset Error Drift
0.02
LSB/°C
Gain Error
●
0.01
0.02
% of FS
Gain Error Drift
0.02
LSB/°C
Transition Noise
1.4
μVRMS
Power Supply Rejection DC
80
dB
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2453CDDB#TRMPBF
LTC2453CDDB#TRPBF
LDBQ
8-Lead Plastic (3mm
× 2mm) DFN
0°C to 70°C
LTC2453IDDB#TRMPBF
LTC2453IDDB#TRPBF
LDBQ
8-Lead Plastic (3mm
× 2mm) DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com