Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC31-C-R5 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
14 / 23
After the reset command the sensor is in the same state as after a power-up cycle. Reset takes a maximum of
12ms. During this time the sensor will not acknowledge its address nor accept commands.
3.3.12 Sensor state retention
The sensor stores settings like the gas model or reference values of FRC and ASC in volatile memory. These are
not retained when the sensor loses power and must be stored externally to be sent to the sensor after each
power cycle.
To store the state of the sensor externally use the following two commands
1. Prepare read state
2. Read state
Check the CRC of the state and store the 30 bytes. After each power cycle return the state to the sensor by
using the two commands
1. Write state
2. Apply state
The sensor state contains the following information:
Selected binary gas index (see 3.3.2)
ON or OFF flag and offset value to apply to the sensor’s output for the ASC (automatic self-calibration,
see 3.3.8)
Offset value to apply to the sensor’s output used in FRC and ASC (forced recalibration, see 3.3.7)
Compensation inputs: last supplied values of temperature (see 3.3.4), humidity (see 3.3.3) and pressure
(see 3.3.5)
Remark on what is not part of the sensor state:
If CRC disabling is desired, it needs to be disabled after each wake-up
The noise filter (see section 3.3.9) is not saved in the sensor state and therefore, this filtering cannot
be used in combination with sleep mode.
Command
Command code
(hex)
Consecutive read
Description
Prepare read state
0x3752
NA
The sensor will prepare its current state
to be read out. Please wait 2 ms before
sending the next command.
Read state
0xE133
30 bytes (10 times
16-bit word + CRC)
Read out the sensor state. The 30 bytes
must be stored on the microcontroller
to be written back to the sensor after
exiting sleep mode
Command
Command code
(hex)
Argument
Description
Write state
0xE133
30 bytes (10 times
16-bit word + CRC)
Write the sensor state as read out
earlier with the “Read state” (0xE133)
command.
Apply state
0x3650
NA
The sensor will apply the written state
data. Please wait 2 ms before sending
the next command.
It is important to check that no corrupted state is applied to the sensor. Therefore, abort the process as soon
as a NACK is received during the Read state or Write state commands. Example procedures of sensor state
retention can be found in the Design Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com