Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT4X Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland SHT4X Datasheet HTML 14Page - Sensirion AG Switzerland SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
11 / 24
4
Sensor Operation
4.1 I2C Communication
I2C communication is based on NXP’s I2C-bus specification and user manual UM10204 [3]. Supported I2C
modes are standard, fast mode, and fast mode plus. Data is transferred in multiples of 16-bit words. In order
to increase reliability of data transfer, I2C glitch protection is offered in form of 8-bit checksum (cyclic
redundancy check = CRC, see section 4.4). All transfers must begin with a start condition (S) and terminate
with a stop condition (P). To finish a read transfer, send not acknowledge (NACK) and stop condition (P).
Addressing a specific slave device is done by sending its 7-bit I2C address followed by an eighth bit,
denoting the communication direction: “zero” indicates transmission to the slave, i.e. “write”, a “one”
indicates a “read” request. Schematics of the I2C transfer types are sketched in Figure 14. The sensor does
not support clock-stretching. In case the sensor receives a read header and is still busy with e.g.
measurement or heating, it will return a NACK. Measurement data can only be received once and will be
deleted from the sensor’s register after the first acknowledged I2C read header.
Figure 14. I2C transfer types: First a write header is sent to the I2C slave, followed by a command, for example
“measure RH&T with highest precision”. After the measurement is finished the read request directed to this
I2C slave will be acknowledged and transmission of data will be started by the slave.
4.2 I2C Communication Timing
All details on the timing are following the interface specification of NXP’s user manual UM10204 [2]. Please
follow mandatory capacitor and resistor requirements given in Table 4.
4.3 Data type & length
I2C bus operates with 8-bit data packages. Information from the sensor to the master has a checksum after
every second 8-bit data package.
Humidity and temperature data will always be transmitted in the following way: The first value is the
temperature signal (2 * 8-bit data + 8-bit CRC), the second is the humidity signal (2 * 8-bit data + 8-bit CRC).
4.4 Checksum Calculation
For read transfers each 16-bit data is followed by a checksum with the following properties.
Property
Value
Name
CRC-8
Message Length
16-bit
Polynomial
0x31 (x8 + x5 + x4 +1)
Initialization
0xFF
Reflect Input/Output
false/false
Final XOR
0x00
Examples
CRC(0xBEEF) = 0x92
Table 7. Data checksum properties
The master may abort a read transfer after the 16-bit data if it does not require a checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com