Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803230 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803230
Description  UC-EMLP (27X18)-EX CUS - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803230 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803230 Datasheet HTML 1Page - PHOENIX CONTACT 0803230 Datasheet HTML 2Page - PHOENIX CONTACT 0803230 Datasheet HTML 3Page - PHOENIX CONTACT 0803230 Datasheet HTML 4Page - PHOENIX CONTACT 0803230 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label, can be ordered: by sheet, white, labeled according to customer specifications,
mounting type: adhesive, text field height: 18 mm, text field width: 27 mm
Your advantages
All UC-EMLP ... self-adhesive device markers can also be supplied labeled according to customer requirements
•
The EML...-EX self-adhesive device markers have been specifically developed for marking various types of equipment in the Ex area
•
The marking requirements in terms of legibility, adhesion, and wipe resistance in potentially explosive areas (ATEX), according to IEC/EN 60079-
0, can also be ensured following storage in typical gas atmospheres. Phoenix Contact developed these labels especially for process engineering,
which is where these requirements typically arise
•
These labels meet the requirements for wipe resistance in accordance with DIN EN 61010-1 against aggressive media such as acetone, ethanol,
and MEK
•
They are only suitable in conjunction with the TM- RIBBON110-EX
•
Thanks to the special surface and adhesive, the marker meets the demanding requirements of process engineering
•
Commercial data
Item number
0803230
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8157
GTIN
4046356938433
Weight per piece (including packing)
9.99 g
Weight per piece (excluding packing)
9.99 g
Country of origin
PL
UC-EMLP (27X18)-EX CUS - Plastic label
0803230
https://www.phoenixcontact.com/us/products/0803230
Jun 17, 2025, 7:32AM
Page 1 (5)


Similar Part No. - 0803230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803231 PHOENIX-0803231 Datasheet
183Kb / 5P
UC-EMLP (27X27)-EX CUS - Plastic label
0803232 PHOENIX-0803232 Datasheet
183Kb / 5P
UC-EMLP (49X15)-EX CUS - Plastic label
0803233 PHOENIX-0803233 Datasheet
182Kb / 5P
UC-EMLP (60X30)-EX CUS - Plastic label
More results

Similar Description - 0803230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0819291 PHOENIX-0819291 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9)
0819301 PHOENIX-0819301 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (15X5)
0819330 PHOENIX-0819330 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (60X15)
0819343 PHOENIX-0819343 Datasheet
49Kb / 2P
Plastic label - UC-EMLP (60X30)
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0825475 PHOENIX-0825475 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X18)
0825476 PHOENIX-0825476 Datasheet
57Kb / 3P
Plastic label - UC-EMLP (27X18) YE
0825481 PHOENIX-0825481 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X27)
0825477 PHOENIX-0825477 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (27X18) SR
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com