Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN164 Datasheet(PDF) 4 Page - TT Electronics.

Part # BCN164
Description  Thick Film Chip Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN164 Datasheet(HTML) 4 Page - TT Electronics.

  BCN164 Datasheet HTML 1Page - TT Electronics. BCN164 Datasheet HTML 2Page - TT Electronics. BCN164 Datasheet HTML 3Page - TT Electronics. BCN164 Datasheet HTML 4Page - TT Electronics. BCN164 Datasheet HTML 5Page - TT Electronics. BCN164 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BCN 4D
BCN 16 4A, AB
Wave Solder Process
Re-flow Solder Process
P
A
B
C
X
Y
A
B
C
X
Y
.050
.087
.169
.022
.028
.041
.087
.154
.022
.028
.034
1.27
2.20
4.30
0.57
0.70
1.05
2.20
3.90
0.57
0.70
0.85
.032
.039
.118
.014
.018
.039
.039
.118
.014
.018
.039
0.80
1.00
3.00
0.35
0.45
1.00
1.00
3.00
0.35
0.45
1.00
BI Technologies IRC Welwyn
Solder pad layout (Inch / mm)
Wave Solder Process
Re-flow Solder Process
P
A
B
X
X1
Y
A
B
X
X1
Y
BCN 16 8RB / 8SB
.025
.048
.096
.012
.018
.024
.048
.096
.012
.018
.024
0.64
1.20
2.40
0.30
0.45
0.60
1.20
2.40
0.30
0.45
0.60
BCN 16 8RB / 8SB
Y
Y
B
A
P
X
X1
BCN Series
03.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Thick Film Chip Arrays
A
B
Y
Y
X
C
P
BCN4D, BCN164
BCN168
OBSOLETE (BCN4D only)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com