Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCZN Datasheet(PDF) 20 Page - Linear Technology

Part # LCZN
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZN Datasheet(HTML) 20 Page - Linear Technology

Back Button LCZN Datasheet HTML 12Page - Linear Technology LCZN Datasheet HTML 13Page - Linear Technology LCZN Datasheet HTML 14Page - Linear Technology LCZN Datasheet HTML 15Page - Linear Technology LCZN Datasheet HTML 16Page - Linear Technology LCZN Datasheet HTML 17Page - Linear Technology LCZN Datasheet HTML 18Page - Linear Technology LCZN Datasheet HTML 19Page - Linear Technology LCZN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2641/LTC2642
20
26412f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0707 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
DACs
LTC1588/LTC1589
LTC1592
12-/14-/16-Bit SoftSpanTM Current Output DACs
Software Programmable Output Ranges up to ±10V
LTC1595/LTC1596
Serial 16-Bit Current Output DACs
Low Glitch, ±1LSB Maximum INL, DNL
LTC1591/LTC1597
Parallel 14-/16-Bit Current Output DACs
±1LSB Max INL, DNL, ±10V Output
LTC1599
16-Bit Current Output DAC
±1LSB Max INL, DNL, ±10V Output
LTC1650
16-Bit Voltage Output DAC
2nV•s Glitch Impulse, 30nV/√Hz Noise
LTC2621/LTC2611
LTC2601
12-/14-/16-Bit Serial Voltage Output DACs
Single DACs, Single Supply, 0V to 5V Outputs in DFN10
LTC2704-12
LTC2704-14
LTC2704-16
12-/14-/16-Bit Quad Voltage Output DACs
Software Programmable Output Ranges up to ±10V, Serial I/O
Op Amps
LT®1678
Dual Low Noise Rail-to-Rail Precision Op Amp
3.9nV/√Hz at 1MHz
LTC2054
Micropower Zero Drift Op Amp
3μV Maximum Offset
LT6010
150μA 8nV/√Hz Rail-to-Rail Output Precision Op Amp
Micropower
LTC6078
Dual CMOS Rail-to-Rail Input/Output Amplifier
54μA per Amp, 16nV/√Hz Input Noise Voltage
References
LT1019
Precision Bandgap Reference
0.005% Max, 5ppm/°C Max
SoftSpan is a trademark of Linear Technology Corporation.
Wide Range Current Load Sinks 0A to 2.5A
16-BIT DAC
LTC2054HV
10V
VREF
2.5V
1k
ISINK
0A TO 2.5A
5V
VDD
LTC2641-16
4.7
μF
0.1
μF
0.033
μF
1
Ω
10W
IRLZ44
REF
1
6
8
VOUT
GND
26412 TA02
0.1
μF
0.1
μF
7
5
4
3
2
CS
SCLK
DIN
CLR
LT1019CS8-2.5
GND
OUT
5V
IN
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com