Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP604T-ESL Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP604T-ESL
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP604T-ESL Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP604T-ESL Datasheet HTML 14Page - Microchip Technology MCP604T-ESL Datasheet HTML 15Page - Microchip Technology MCP604T-ESL Datasheet HTML 16Page - Microchip Technology MCP604T-ESL Datasheet HTML 17Page - Microchip Technology MCP604T-ESL Datasheet HTML 18Page - Microchip Technology MCP604T-ESL Datasheet HTML 19Page - Microchip Technology MCP604T-ESL Datasheet HTML 20Page - Microchip Technology MCP604T-ESL Datasheet HTML 21Page - Microchip Technology MCP604T-ESL Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP601/1R/2/3/4
DS21314G-page 18
© 2007 Microchip Technology Inc.
Package Marking Information (Continued)
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
:
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP601
I/P256
0722
MCP601
I/SN0722
256
MCP601
E/P
256
0722
MCP601E
SN
0722
256
3
e
OR
OR
3
e
8-Lead TSSOP
Example:
XXXX
XYWW
NNN
601
I722
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com