Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1150 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1150
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1150 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1150 Datasheet HTML 1Page - Renesas Technology Corp F1150 Datasheet HTML 2Page - Renesas Technology Corp F1150 Datasheet HTML 3Page - Renesas Technology Corp F1150 Datasheet HTML 4Page - Renesas Technology Corp F1150 Datasheet HTML 5Page - Renesas Technology Corp F1150 Datasheet HTML 6Page - Renesas Technology Corp F1150 Datasheet HTML 7Page - Renesas Technology Corp F1150 Datasheet HTML 8Page - Renesas Technology Corp F1150 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
3
RevO, Feb 2013
F1100
DATASHEET
IDTF1100 SPECIFICATION (698 – 915 MHZ MIXER W/HIGH SIDE INJECTION)
Specifications apply at VCC = +5.0V, FRF = 850 MHz, FIF = 350MHz, Hi-Side Inj., PLO = 0 dBm, TCASE = +25°C, STBY = GND, Trace and
Transformer Losses de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby Pin
VIH
2
V
Logic Input Low
For Standby Pin
VIL
0.8
V
Logic Current
For Standby Pin
IIH, IIL
-5
+5
µA
Supply Voltage(s)
All VCC pins
VCC
4.75 to
5.25
V
Operating
Temperature
Case Temperature
TCASE
-40 to
+100
degC
Supply Current
Total VCC Both Channels
ISTD
350
395
mA
Supply Current
Standby Mode
STBY = VIH
Total Both Channels
ISTBY
28
35
mA
RF Freq Range
Operating Range
FRF
698 to
915
MHz
IF Freq Range
Operating Range
FIF
150 to
450
MHz
LO Freq Range
Operating Range
FLO
848 to
1365
MHz
LO Power
Operating Range
PLO
-6 to +6
dBm
RF Input Impedance
Single Ended
Return Loss > 15 dB
ZRF
50
IF Output Impedance
Differential
Return Loss > 15 dB
ZIF
200
LO port Impedance
Single Ended
Return Loss > 15 dB
ZLO
50
Gain (low freq)
Conversion Gain
• F
RF = 698 MHz
• F
IF = 450 MHz
• EVB trace and transformer loss =
0.9 dB
G1
7.8
8.9
10
dB
Gain (high freq)
Conversion Gain
• F
RF = 915 MHz
• F
IF = 350 MHz
• EVB trace and transformer loss =
0.8 dB
G2
8.0
9.0
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com