Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW70AAB Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SW70AAB
Description  Model SW Breaker (Surface Mount Thermal Cutoff Device)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SW70AAB Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SW70AAB Datasheet HTML 1Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 2Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 3Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 4Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 5Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 6Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model SW Breaker (Surface Mount Thermal Cutoff Device)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Surface Mount Recommendations
Typical Part Marking
The Model SW breaker is designed for reflow and hand soldering. It is not designed or warranted for flow soldering. The following conditions
must be adhered to:
Reflow Soldering:
The recommended reflow soldering
conditions are as follows:
130 ~ 200 °C ..................90 ~ 110 seconds
≤217 °C...........................50 ~ 60 seconds
235 ~ 240 °C ......................................Peak
Process breaker in a reflow furnace using
the profile shown above three times,
followed by positioning the breaker in
ambient temperature of +25 °C for 8 hours.
Time (Seconds).
Recommended Reflow Profile
260
240
220
200
180
160
140
120
100
80
60
40
20
0
50
100
150
200
250
300
0
Do not expose the breaker to temperatures exceeding +240 °C.
215AC
SW
**AAB
**
®
DATE CODE:
MONTH (1-9, X, Y, Z)
DATE
YEAR (A = 2021, B = 2022, C = 2023, ...)
SERIES
DESIGNATOR
MANUFACTURER’S
INTERNAL CODE
(ALPHANUMERIC CHARACTER)
MACHINE NO:
ROMAN NUMERAL (I, II, III, etc.) OR
ARABIC NUMERAL (1, 2, 3, etc.) = OKAYAMA FACTORY
ALPHABET = SHIGA FACTORY
THICKNESS
(B = 0.94 ± 0.05 mm)
RESIN TYPE
(A = PPS)
ARM MATERIAL
(A = Cu ALLOY HIGH CURRENT TYPE)
TRIP TEMPERATURE – °C
(70)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com