Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFC Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SPFC
Description  High Frequency PFC Chokes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPFC Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SPFC Datasheet HTML 1Page - Bel Fuse Inc. SPFC Datasheet HTML 2Page - Bel Fuse Inc. SPFC Datasheet HTML 3Page - Bel Fuse Inc. SPFC Datasheet HTML 4Page - Bel Fuse Inc. SPFC Datasheet HTML 5Page - Bel Fuse Inc. SPFC Datasheet HTML 6Page - Bel Fuse Inc. SPFC Datasheet HTML 7Page - Bel Fuse Inc. SPFC Datasheet HTML 8Page - Bel Fuse Inc. SPFC Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2024 Signal Transformer
Specifications subject to change without notice
SPFC Series Mar 14 2024
SPFC Series Datasheet
RoHS
Compliant
SCHEMATICS
INPUT
1
3
OUTPUT
4
6
INPUT
2
4
OUTPUT
9
7
SPFC-EE20
SPFC-PQ38
SPFC-EFD25
INPUT
3
1
OUTPUT
10
9
INPUT
3
12
OUTPUT
6
7
SPFC-EFD30
SPFC-RM10 / RM12 / RM14
INPUT
2
5
OUTPUT
11
8
SPFC-EER28-125
INPUT
9
2
OUTPUT
6
7
ELECTRICAL SPECIFICATIONS
Part Number
Input
L 2
± 10%
(µH)
Input
I-rated
(Max)
(A)
Intput
DCR
(Max)
(mΩ)
Output
DCR
(Max)
(mΩ)
Input
Isat 3
(Typ)
(A)
ΔT @
I-rated
(Max)
(°C)
Turns
Ratio
In : Out
(± 3%)
Size
&
Pins
Output
Power
(W)
AC
Input
Range
(V)
SPFC-EE20-25
1800
0.30
1550
1200
1.0
40
12.9:1
EE20 5+5
25
85-265
SPFC-EFD25-50
650
0.40
1020
460
2.6
40
90:8
EFD25 5+5
50-75
195-265
SPFC-EFD30-75
750
0.90
950
580
3.3
40
34:3
EFD30 5+6
75
85-265
SPFC-EFD30-100 500
0.60
620
540
4.2
40
21:2
EFD30 5+6
75-100
195-265
SPFC-EFD30-150 375
0.80
470
390
4.0
40
65:6
EFD30 5+6
100-150
195-265
SPFC-EFD30-200 250
1.10
300
350
4.8
40
50:5
EFD30 5+6
150-200
195-265
SPFC-EFD30-225 200
1.40
300
350
6.0
40
50:5
EFD30 5+6
200-250
195-265
SPFC-EFD30-250 150
1.40
190
350
6.8
40
42:5
EFD30 5+6
250
195-265
SPFC-RM10-50
750
0.90
720
320
3.9
40
90:8
RM10 6+6
50-75
85-265
SPFC-RM10-75
650
0.40
480
260
3.9
40
75:7
RM10 6+6
75
195-265
SPFC-RM10-100
500
0.60
360
180
4.0
40
12:1
RM10 6+6
75-100
195-265
SPFC-RM10-150
375
0.80
360
180
5.4
40
12:1
RM10 6+6
100-150
195-265
SPFC-RM10-200
250
1.1
150
200
5.6
40
44:5
RM10 6+6
159-200
195-265
SPFC-RM12-100
450
1.2
330
200
5.6
40
10:1
RM12 6+6
100
85-265
SPFC-RM12-150
300
2.4
170
250
7.4
40
52:5
RM12 6+6
150-200
85-265
SPFC-RM12-200
200
1.4
120
250
8.4
40
39:5
RM12 6+6
200-250
195-265
SPFC-RM12-250
150
1.4
80
180
11.0
40
33:4
RM12 6+6
250
195-265
SPFC-RM14-200
225
2.4
87
200
12.4
40
39:4
RM14 6+6
200
85-265
SPFC-RM14-250
180
3.0
78
200
13.2
40
9:1
RM14 6+6
250
85-265
SPFC-PQ38-250
300
3.0
197
310
5.1
40
8.75:1
PQ38 3+3
250
85-265
SPFC-EER28-125 150
1.5
190
140
12.0
40
9.17:1
EER28 5+4
125
85-265
1
Electrical specifications at 20°C and 33% relative humidity.
2
“L” test conditions: 100 kHz, 100 mV, 0 ADC
3
“Isat” is the saturation current at which “L” drops by 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com