Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPPI2016-10-R47M-TR Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # SLPPI2016-10-R47M-TR
Description  High Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLPPI2016-10-R47M-TR Datasheet(HTML) 7 Page - Bel Fuse Inc.

  SLPPI2016-10-R47M-TR Datasheet HTML 1Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 2Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 3Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 4Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 5Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 6Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 7Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2023 Signal Transformer
Specifications subject to change without notice.
SLPPI2016/SLPPI2520 Series Jan 10 2023
SLPPI2016 / SLPPI2520 Series
RoHS
Compliant
TAPE AND REEL SPECIFICATIONS
Series
Reel dimensions (mm)
Tape dimensions (mm)
Reel
(pcs)
A
B
C
D
E
W
P
P0
H
T
A0
B0
SLPPI2016-10
183±3
50±0.5
20±1
13±1
9.7±0.5
8±0.1
4±0.1
4±0.1
1.15±0.05
0.25±0.03
1.9±0.1
2.30±0.1
3000
SLPPI2016-12
183±3
50±0.5
20±1
13±1
9.7±0.5
8±0.1
4±0.1
4±0.1
1.35±0.05
0.25±0.03
1.9±0.1
2.30±0.1
3000
SLPPI2520-10
183±3
50±0.5
20±1
13±1
9.7±0.5
8±0.1
4±0.1
4±0.1
1.15±0.05
0.25±0.03
2.4±0.1
2.85±0.1
3000
SLPPI2520-12
183±3
50±0.5
20±1
13±1
9.7±0.5
8±0.1
4±0.1
4±0.1
1.35±0.05
0.25±0.03
2.4±0.1
2.85±0.1
3000
Peel force of top cover tape
Peel force of top cover tape
•• The peel speed shall be about 300 mm/minute
The peel speed shall be about 300 mm/minute
•• The peel force of top cover tape shall be between 10 g to 120 g.
The peel force of top cover tape shall be between 10 g to 120 g.
•• The cover bond should not be damaged and bond the tape when it peeled off.
The cover bond should not be damaged and bond the tape when it peeled off.
Top tape or cover tape
Base tape
165°~180°
Note: Do not place the product in humid environment and keep it under seal with desiccant if it is not used up all a once.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com