Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3875 Datasheet(PDF) 1 Page - SYC Electronica

Part # 2SC3875
Description  NPN Epitaxial Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2SC3875 Datasheet(HTML) 1 Page - SYC Electronica

  2SC3875 Datasheet HTML 1Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC3875
NPN Epitaxial Silicon Transistor
GENERAL PURPOSE TRANSISTOR
Collector-Emitter Voltage: VCEO = 50V
Collector Dissipation: PC = 150mW
Absolute Maximum Ratings (TA=25
oC)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Collector Dissipation
PC
150
mW
Junction Temperature
TJ
150
oC
Storage Temperature
TSTG
-55~+150
oC
Electrical Characteristics (TA=25
oC)
Characteristic
Symbol
Test Conditions
Min
Max
Unit
Collector-Base Breakdown Voltage
BVCBO
IC= 100µA, IE= 0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC= 1mA, IB= 0
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 100µA, IC= 0
5
V
Collector Cut-off Current
ICBO
VCB= 60V, IE= 0
0.1
µA
Collector Cut-off Current
ICEO
VCE= 45V, IB= 0
0.2
µA
Emitter Cut-off Current
IEBO
VEB= 5V, IC= 0
0.1
µA
DC Current Gain
hFE
VCE= 6V, IC= 2mA
70
700
Collector-Emitter Saturation Voltage
VCE(sat)
IC= 100mA, IB= 10mA
0.25
V
Base-Emitter Saturation Voltage
VBE(sat)
IC= 100mA, IB= 10mA
1
V
Transition Frequency
fT
VCE= 10V, IC= 1mA
f= 100MHz
80
MHz
hFE CLASSIFICATION
Classification
G
Y
GR
BL
hFE
70-140
120-240
200-400
350-700
Device Marking
2SC3875-G=ALO ; 2SC3875-Y=ALY ; 2SC3875-GR=ALG ; 2SC3875-G=ALL
1. Emitter
2. Base
3. Collector
SOT-23
Tolerance : 0.1mm
Dimensions (Unit : mm)
NPN 50V 150MA F=80MHZ SOT-23
www.sycelectronica.com.ar


Similar Part No. - 2SC3875

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
logo
Savantic, Inc.
2SC3870 SAVANTIC-2SC3870 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3870 JMNIC-2SC3870 Datasheet
158Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3870 ISC-2SC3870 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3870 SAVANTIC-2SC3870 Datasheet
113Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3875

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com