Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4875T Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HA4875T
Description  HA AND HD SERIES 48T
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HA4875T Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HA4875T Datasheet HTML 1Page - Sensata Technologies, Inc. HA4875T Datasheet HTML 2Page - Sensata Technologies, Inc. HA4875T Datasheet HTML 3Page - Sensata Technologies, Inc. HA4875T Datasheet HTML 4Page - Sensata Technologies, Inc. HA4875T Datasheet HTML 5Page - Sensata Technologies, Inc. HA4875T Datasheet HTML 6Page - Sensata Technologies, Inc. HA4875T Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
| HA AND HD SERIES 48T
PANEL MOUNT
Features
• Ratings from 12A to 125A @ 48-530 VAC
• SCR output for heavy industrial loads
• Zero Voltage or instantaneous turn-on outputs
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• AC or DC control
• Direct bond copper substrate
• Direct power lead frame
• Epoxy free design
PRODUCT SELECTION
Control Voltage
12A
3-32 VDC
HD4812T
90-280 Vrms
HA4812T
18-36 Vrms
HA4812ET
25A
HD4825T
HA4825T
HA4825ET
50A
HD4850T
HA4850T
HA4850ET
75A
HD4875T
HA4875T
HA4875ET
90A
HD4890T
HA4890T
HA4890ET
110A
HD48110T
HA48110T
HA48110ET
125A
HD48125T
HA48125T
HA48125ET
Note: Not all part number combinations are available.
Contact Crydom Technical support for information on
the availability of a specific part number.
Serires
Operating Voltage
Control Voltage
A: 90-280 VAC
D: 3-32 VDC
AxxxxE: 18-36 VAC
Rated Load Current
H
A
48
25
E
K
P
G
H
T
-10
ORDERING OPTIONS
Required for valid part number
For options only and not
required for valid part number
48: 48-530 VAC
12: 12 Amps
75: 75 Amps
125: 125 Amps
25: 25 Amps
90: 90 Amps
50: 50 Amps
110: 110 Amps
Termination
Blank: Screw (1)
F: Quick Connect (Up to 50 Amps only)
K: Hex standoffs (2)
Overvoltage Protection
Blank: Not Included
P: Included (3)
Input Status LED
Blank: Not Included
G: Included
Thermal Pad
Blank: Not Included
H: Included
Trigger Circuit
T: Phototransistor
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (4)
H
Page 1


Similar Part No. - HA4875T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA4875 ETC1-HA4875 Datasheet
46Kb / 3P
12-90Amp 480 Vac AC Output
logo
Crydom Inc.,
HA4875 CRYDOM-HA4875 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
HA4875 CRYDOM-HA4875 Datasheet
760Kb / 8P
panel mount
HA4875E CRYDOM-HA4875E Datasheet
760Kb / 8P
panel mount
HA4875FPGSH-10 CRYDOM-HA4875FPGSH-10 Datasheet
760Kb / 8P
HA / HD48 Series
More results

Similar Description - HA4875T

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
HA7425FP FARADAY-HA7425FP Datasheet
198Kb / 2P
HA SERIES HDTV FILTERS
logo
Tyco Electronics
2-1105100-1 MACOM-2-1105100-1 Datasheet
52Kb / 1P
PIN CONTACT SERIES HA. HE. HVE
logo
Crydom Inc.,
HD4850-10 CRYDOM-HD4850-10 Datasheet
760Kb / 8P
HA / HD48 Series
logo
NEC
A1080A NEC-A1080A Datasheet
108Kb / 2P
Scalable HA Server Series
logo
Crydom Inc.,
HA6050-10 CRYDOM-HA6050-10 Datasheet
938Kb / 7P
HA / HD60 Series
HD4890K-10 CRYDOM-HD4890K-10 Datasheet
1,016Kb / 8P
HA / HD48 Series
HD60125K-10 CRYDOM-HD60125K-10 Datasheet
938Kb / 7P
HA / HD60 Series
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
ha Series PLC-Backup
logo
SparkFun Electronics
ROB-12232 SPARKFUN-ROB-12232 Datasheet
98Kb / 1P
Gear - Hub Mount (48T; 0.5 Bore)
1/18/2016
ROB-12300 SPARKFUN-ROB-12300 Datasheet
99Kb / 1P
Sprocket - Hub Mount (0.25, 48T; 1.0 Bore)
2/12/2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com