| Electronic Components Datasheet Search |
|
FT600Q-B-R Datasheet(PDF) 32 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT600Q-B-R Datasheet(HTML) 32 Page - Future Technology Devices International Ltd. |
|
32 / 33 page ![]() Copyright © Future Technology Devices International Limited 32 FT600Q-FT601Q IC DatasheetDatasheet Version 1.04 Document No.: FT_001118 Clearance No.: FTDI#424 Appendix B – List of Figures and Tables List of Figures Figure 2.1 Block Diagram..............................................................................................................3 Figure 3.1 QFN56 Package Pin Out ..................................................................................................6 Figure 3.2 QFN76 Package Pin Out ..................................................................................................7 Figure 4.1 FT601 Multi-Channel FIFO mode master read transaction 1 .............................................. 14 Figure 4.2 FT601 Multi-Channel FIFO mode master read transaction 2 .............................................. 14 Figure 4.3 FT601 Multi-Channel FIFO mode master write transaction 1.............................................. 15 Figure 4.4 Multi-Channel FIFO mode master write transaction 2 ....................................................... 16 Figure 4.5 Multi-Channel FIFO mode master read followed by write transaction .................................. 16 Figure 4.6 245 Synchronous FIFO mode bus master read cycle ........................................................ 17 Figure 4.7 245 Synchronous FIFO mode bus master write cycle........................................................ 17 Figure 4.8 FIFO Bus AC timing diagram ......................................................................................... 18 Figure 6.1 Bus-Powered Configuration-3.3V I/O.............................................................................. 22 Figure 6.2 Bus-Powered Configuration-2.5V/1.8V I/O ...................................................................... 22 Figure 6.3 Self-Powered Configuration........................................................................................... 23 Figure 7.1 FT600/FT601 Connect to FIFO Master Interface (Multi-Channel FIFO Mode) ........................ 24 Figure 7.2 FT600/FT601 Connect to FIFO Master Interface (245 Synchronous FIFO Mode) ................... 24 Figure 8.1 QFN-56 Package Dimensions........................................................................................ 25 Figure 8.2 QFN-56 Package Markings ........................................................................................... 26 Figure 8.3 QFN-76 Package Dimensions........................................................................................ 27 Figure 8.4 QFN-76 Package Markings ........................................................................................... 28 List of Tables Table 1.1 Device Part Numbers.......................................................................................................2 Table 3.1 Device pin out Signal descriptions................................................................................... 10 Table 4.1 Multi-Channel FIFO mode Command phase ...................................................................... 13 Table 4.2 FIFO Bus AC timing....................................................................................................... 18 Table 5.1 Absolute Maximum Ratings ............................................................................................ 19 Table 5.2 ESD and Latch-Up Specifications .................................................................................... 19 Table 5.3 DC Characteristics ........................................................................................................ 20 Table 5.4 DC Characteristics for I/O Interface (Except USB PHY pins)................................................ 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |