Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2608BSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2608BSTRT
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608BSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2608BSTRT Datasheet HTML 3Page - Semtech Corporation SC2608BSTRT Datasheet HTML 4Page - Semtech Corporation SC2608BSTRT Datasheet HTML 5Page - Semtech Corporation SC2608BSTRT Datasheet HTML 6Page - Semtech Corporation SC2608BSTRT Datasheet HTML 7Page - Semtech Corporation SC2608BSTRT Datasheet HTML 8Page - Semtech Corporation SC2608BSTRT Datasheet HTML 9Page - Semtech Corporation SC2608BSTRT Datasheet HTML 10Page - Semtech Corporation SC2608BSTRT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
© 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608B
SEE D E T A I L
DE T A I L
A
A
.0 5 0 B S C
.2 3 6 B S C
8
. 010
.1 5 0
.1 8 9
. 154
. 193
.0 1 2
-
8
0. 2 5
1 . 2 7 BSC
6 . 0 0 BSC
3. 9 0
4. 9 0
-
.1 5 7
.1 9 7
3. 80
4. 80
. 0 20
0. 31
4. 00
5. 00
0. 51
bx N
2X N / 2 T I P S
SE AT I N G
aaa
C
E/ 2
2X
12
N
A
D
A1
E1
bbb
C
A- B
D
cc c
C
e/ 2
A2
( . 0 41)
. 004
. 008
-
. 028
-
-
-
-
0
.0 1 6
.0 0 7
.0 4 9
.0 0 4
.0 5 3
8
0
0. 2 0
0. 1 0
-
8
0. 40
0. 17
1. 25
0. 10
.0 4 1
.0 1 0
.0 6 9
.0 6 5
.0 1 0
1. 35
( 1 . 04)
0. 7 2
-
1. 04
0. 25
-
-
-
1. 75
1. 65
0. 25
0. 25
-
. 0 1 0
. 0 20
0. 50
-
c
L
( L1)
01
0. 2 5
GA GE
PL AN E
h
h
3.
DI M E N S I O NS " E 1 " A ND " D " D O NO T I NCL UDE M O L D F L A S H , P R O T RUS I O NS
O R G A T E B URRS .
-B -
C O N T R O L L I N G D I M E N S I O N S AR E I N M I L L I M ET ER S ( A N G L ES I N D E G R EES) .
D A T U M S
A N D
T O B E D E T E R M IN E D A T D A T U M P L A N E
N O T ES:
1.
2.
-A -
-H -
SI DE VI EW
A
B
C
D
e
H
PL A N E
L1
N
01
bb b
aa a
cc c
A
b
A2
A1
D
E
E1
L
h
e
c
DI M
MI N
MI L L I ME T E R S
NO M
DI M E NS I O NS
IN C H E S
MI N
M A X
MA X
NO M
E
Outline Drawing - SO-8
Land Pattern - SO-8
( .2 0 5 )
( 5. 20 )
Z
G
Y
P
(C )
3.0 0
.1 1 8
1.2 7
.0 5 0
0.6 0
.0 2 4
2.2 0
.0 8 7
7.4 0
.2 9 1
X
INCHE S
DIM E NS I O NS
Z
P
Y
X
DIM
C
G
MIL L I ME T E R S
T H IS L A ND P A T T E RN IS F O R R E F E RE N C E P URP OS E S ONL Y .
C O NSU L T YO UR M A NU F A CT UR IN G G R O U P T O E N S U RE Y O U R
C O M PANY'S M A N U FA C T U R ING G U I D EL IN ES ARE M E T .
NO T E S :
1.
RE F E RE NC E IP C-S M - 7 8 2 A , R L P NO. 3 0 0 A .
2.
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com