Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB679GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 10Page - Monolithic Power Systems NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems NB679GD Datasheet HTML 17Page - Monolithic Power Systems NB679GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
NB679, 28V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
17
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
EN
VOUT
BST
LDO
VIN
PG
SW
GND
VIN
GND
ENLDO
NB679
PGND
VOUT
5 V/8 A
VCC
22 μF
220 nF
1 μF
100 kΩ
1.5 μH
88 μF
4.7 μF
AGND
3.3 Ω
5.5 V-24 V
EN
5 V/ 100
mA
ENLDO
Figure 7
— Typical application schematic with ceramic output capacitors
EN
VOUT
BST
LDO
VIN
PG
SW
GND
VIN
GND
ENLDO
NB679
PGND
VOUT
5 V/8 A
VCC
22 μF
220 nF
1 μF
100 kΩ
1.5 μH
150 μF
4.7 μF
AGND
3.3 Ω
5.5 V-24 V
EN
5V/100
mA
ENLDO
Figure 8
— Typical application schematic with POSCAP output capacitors—recommended for large duty
operation only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com