Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4217 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4217
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4217 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4217 Datasheet HTML 1Page - Semtech Corporation SC4217 Datasheet HTML 2Page - Semtech Corporation SC4217 Datasheet HTML 3Page - Semtech Corporation SC4217 Datasheet HTML 4Page - Semtech Corporation SC4217 Datasheet HTML 5Page - Semtech Corporation SC4217 Datasheet HTML 6Page - Semtech Corporation SC4217 Datasheet HTML 7Page - Semtech Corporation SC4217 Datasheet HTML 8Page - Semtech Corporation SC4217 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT

Very Low Input /Very Low Dropout
3 Amp Regulator With Enable
SC4217
Features
Input voltage range from .8V to 5.5V
Typical 300mV dropout @ 3A
Adjustable output from .24V
Over-current and over-temperature protection
Enable pin
0µA shutdown current
Full industrial temperature range
TO263-5 package, fully WEEE and RoHS compliant
Applications
Telecom/networking equipment
Motherboards/peripheral cards
Industrial equipment
Wireless infrastructure
Set-top boxes
Medical equipment
Description
The SC427 is a 3A, high performance LDO designed for
use in applications requiring very low input voltage and
very low dropout voltage. It operates with an input volt-
age as low as .8V and a programmable output voltage
from .24V. The SC427 features ultra- low dropout, ideal
for applications where V
OUT is very close to VIN. Addi-
tionally, the SC427 has an enable pin to further reduce
power dissipation while shut down. The SC427 provides
excellent regulation over line, load and temperature.
The SC427 is available in a TO263-5 package and is fully
WEEE and RoHS compliant.
Typical Application Circuit
October 29, 2007
0
VIN
R2
C2
EN
R1
C1
SC4217
2
3
5
4
1
VIN
GND
ADJ
VO
EN
0
VO


Similar Part No. - SC4217

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4217 SEMTECH-SC4217 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217EVB SEMTECH-SC4217EVB Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217MTRT SEMTECH-SC4217MTRT Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results

Similar Description - SC4217

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216 Datasheet
219Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002 Datasheet
836Kb / 16P
Very Low Input, Very Low Dropout 3-Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com