Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4524B Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4524B
Description  16V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524B Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4524B Datasheet HTML 10Page - Semtech Corporation SC4524B Datasheet HTML 11Page - Semtech Corporation SC4524B Datasheet HTML 12Page - Semtech Corporation SC4524B Datasheet HTML 13Page - Semtech Corporation SC4524B Datasheet HTML 14Page - Semtech Corporation SC4524B Datasheet HTML 15Page - Semtech Corporation SC4524B Datasheet HTML 16Page - Semtech Corporation SC4524B Datasheet HTML 17Page - Semtech Corporation SC4524B Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Typical Application Schematics
Figure 10. 1MHz 5V to 3.3V/2A Step-down Converter
Figure 11. 500kHz 10V-16V to 1.5V/2A Step-down Converter
SC4524B
GND
IN
SW
BST
L1
2.2mH
C1
0.1mF
SS/EN
COMP
FB
D2
20BQ030
14.3k
R6
33.2k
10nF
C8
10pF
C5
0.47nF
L1: Coiltronics LD1-2R2
OUT
3.3V/2A
D1
1N4148
5V
ROSC
C2: Murata GRM31CR60J226K
C4
4.7mF
C4: Murata GRM31CR60J475K
VIN
C2
22mF
C7
R4
18.2k
R5
29.4k
R7
EVB #a
SC4524B
GND
IN
SW
BST
L1
2.2mH
C1
0.1mF
SS/EN
COMP
FB
D2
20BQ030
14.3k
R6
33.2k
10nF
C8
10pF
C5
0.47nF
L1: Coiltronics LD1-2R2
OUT
3.3V/2A
D1
1N4148
5V
ROSC
C2: Murata GRM31CR60J226K
C4
4.7mF
C4: Murata GRM31CR60J475K
VIN
C2
22mF
C7
R4
18.2k
R5
29.4k
R7
EVB #a
EVB #b
SC4524B
GND
IN
SW
BST
L1
4.7mH
C1
0.33mF
SS/EN
COMP
FB
D2
20BQ030
66.5k
R6
33.2k
10nF
C8
10pF
C5
2.2nF
L1: Coiltronics DR73-4R7
OUT
1.5V/2A
D1
1N4148
10V – 16V
ROSC
C2: Murata GRM31CR60J226K
C4
4.7mF
C4: Murata GRM31CR60J475K
VIN
C2
22mF
C7
R4
47.3k
R5
7.15k
R7
EVB #b
SC4524B
GND
IN
SW
BST
L1
4.7mH
C1
0.33mF
SS/EN
COMP
FB
D2
20BQ030
66.5k
R6
33.2k
10nF
C8
10pF
C5
2.2nF
L1: Coiltronics DR73-4R7
OUT
1.5V/2A
D1
1N4148
10V – 16V
ROSC
C2: Murata GRM31CR60J226K
C4
4.7mF
C4: Murata GRM31CR60J475K
VIN
C2
22mF
C7
R4
47.3k
R5
7.15k
R7
SC4524B
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com