Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4906H Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4906H
Description  High Precision Hall-Effect Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906H Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4906H Datasheet HTML 7Page - Infineon Technologies AG TLE4906H Datasheet HTML 8Page - Infineon Technologies AG TLE4906H Datasheet HTML 9Page - Infineon Technologies AG TLE4906H Datasheet HTML 10Page - Infineon Technologies AG TLE4906H Datasheet HTML 11Page - Infineon Technologies AG TLE4906H Datasheet HTML 12Page - Infineon Technologies AG TLE4906H Datasheet HTML 13Page - Infineon Technologies AG TLE4906H Datasheet HTML 14Page - Infineon Technologies AG TLE4906H Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TLE4906H
TLE4906L
Electrical and Magnetic Parameters
Data Sheet
11
V 1.1, 2005-10
Note: Typical characteristics specify mean values expected over the production spread.
Field Direction Definion
Positive magnetic fields related with south pole of magnet to the branded side of
package.
Table 7
Magnetic Characteristics TLE4906H and TLE4906L1)
Parameter
Symbol Tj [°C]
Limit Values
Unit
Notes
min.
typ.
max.
Operate point
BOP
– 40
25
150
6.7
6.5
6.2
10.3
10.0
9.5
13.9
13.5
12.9
mT
Release point
BRP
– 40
25
150
5.2
5.0
4.7
8.7
8.5
8.1
12.3
12.0
11.4
mT
Hysteresis
BHYS
– 40
25
150
–
0.7
–
–
1.5
–
–
3.0
–
mT
Temperature
compensation
of magnetic
thresholds
TC
–
–
- 350
–
ppm/°C
Repeatability of
magnetic
thresholds 2)
BREP
–
20
–
µTRMS
Typ. value for
∆B / ∆t
> 12 mT/ms
1) over operating range, unless otherwise specified. Typical values correspond to VS = 12 V.
2) BREP is equivalent to the noise constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com