Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS30BA101SQ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # DS30BA101SQ/NOPB
Description  DS30BA101 3.125 Gbps Differential Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS30BA101SQ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS30BA101SQ/NOPB Datasheet HTML 1Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 2Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 3Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 4Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 5Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 6Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 7Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 8Page - Texas Instruments DS30BA101SQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS30BA101
OUT-
IN+
IN-
OUT+
0.1 PF
50:
50:
953:
100:
1 PF
1 PF
1 PF
1 PF
DS30EA101
IN+
IN-
100:
OUT+
OUT-
VCC
100: Differential TP Cable
RVO
DS30BA101
SNLS403A – FEBRUARY 2012 – REVISED APRIL 2013
www.ti.com
DEVICE OPERATION
INPUT INTERFACING
The DS30BA101 accepts either differential or single-ended input. DC-coupled inputs must be kept within the
specified common-mode range.
OUTPUT INTERFACING
The DS30BA101 uses current mode outputs. Single-ended output levels are 800 mVP-P into 75Ω AC-coupled
coaxial cable with an RVO resistor of 750Ω, or 400 mVP-P (800 mVP-P differential) into 100Ω differential cable with
an RVO resistor of 953Ω. The output voltage level is controlled by the value of the RVO resistor connected
between the RVO pin and VCC.
The RVO resistor should be placed as close as possible to the RVO pin. In addition, the copper in the plane layers
below the RVO network should be removed to minimize parasitic capacitance.
Figure 2 and Figure 3 show the typical configurations for differential output and single-ended output, respectively.
For single-ended output, the unused output must be properly terminated as shown.
APPLICATION INFORMATION
CABLE EXTENDER APPLICATION
The DS30BA101 together with the DS30EA101 form a cable extender chipset optimized for extending serial data
streams from serializer/deseralizer (SerDes) pairs and FPGAs over 100
Ω differential cables and 75Ω coaxial
cables. Setting the correct DS30BA101 output amplitude and proper cable termination are essential for optimal
operation. Figure 2 shows the recommended chipset configuration for 100
Ω differential cable and Figure 3 shows
the recommended chipset configuration for 75
Ω coaxial cable.
Figure 2. Cable Extender Chipset Application Circuit for 100
Ω Differential Cable
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS30BA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com