Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C032TMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90C032TMX/NOPB
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C032TMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS90C032TMX/NOPB Datasheet HTML 1Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 2Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 3Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 4Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 5Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DS90C032
www.ti.com
SNLS094D – JUNE 1998 – REVISED APRIL 2013
Switching Characteristics
VCC = +5.0V ± 10%, TA = −40°C to +85°C, DS90C032T
(1) (2) (3) (4) (5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHLD
Differential Propagation Delay High to Low
CL = 5 pF,
1.0
3.40
6.0
ns
VID = 200 mV,
tPLHD
Differential Propagation Delay Low to High
1.0
3.48
6.0
ns
See Figure 2 and Figure 3
tSKD
Differential Skew |tPHLD − tPLHD|
0
0.08
1.2
ns
tSK1
Channel-to-Channel Skew (3)
0
0.6
1.5
ns
tSK2
Chip to Chip Skew (4)
5.0
ns
tTLH
Rise Time
0.5
2.5
ns
tTHL
Fall Time
0.5
2.5
ns
tPHZ
Disable Time High to Z
RL = 2 kΩ,
10
20
ns
CL = 10 pF,
tPLZ
Disable Time Low to Z
10
20
ns
See Figure 4 and Figure 5
tPZH
Enable Time Z to High
4
15
ns
tPZL
Enable Time Z to Low
4
15
ns
(1)
All typical values are given for: VCC = +5.0V, TA = +25°C.
(2)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω, tr and tf (0%–100%) ≤ 1 ns for RIN and tr and tf ≤ 6 ns
for EN or EN*.
(3)
Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the same
chip with an event on the inputs.
(4)
Chip to Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
(5)
CL includes probe and jig capacitance.
Switching Characteristics
VCC = +5.0V ± 10%, TA = −55°C to +125°C, DS90C032E
(1) (2) (3) (4) (5) (6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHLD
Differential Propagation Delay High to Low
CL = 20 pF,
1.0
3.40
8.0
ns
VID = 200 mV,
tPLHD
Differential Propagation Delay Low to High
1.0
3.48
8.0
ns
See Figure 2 and Figure 3
tSKD
Differential Skew |tPHLD − tPLHD|
0
0.08
3.0
ns
tSK1
Channel-to-Channel Skew (3)
0
0.6
3.0
ns
tSK2
Chip to Chip Skew (4)
7.0
ns
tPHZ
Disable Time High to Z
RL = 2 kΩ,
10
20
ns
CL = 10 pF,
tPLZ
Disable Time Low to Z
10
20
ns
See Figure 4 and Figure 5
tPZH
Enable Time Z to High
4
20
ns
tPZL
Enable Time Z to Low
4
20
ns
(1)
All typical values are given for: VCC = +5.0V, TA = +25°C.
(2)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω, tr and tf (0%–100%) ≤ 1 ns for RIN and tr and tf ≤ 6 ns
for EN or EN*.
(3)
Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the same
chip with an event on the inputs.
(4)
Chip to Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
(5)
CL includes probe and jig capacitance.
(6)
For DS90C032E propagation delay measurements are from 0V on the input waveform to the 50% point on the output (ROUT).
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com