Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855IDE Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2855IDE
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2855IDE Datasheet(HTML) 5 Page - Linear Technology

  LTC2855IDE Datasheet HTML 1Page - Linear Technology LTC2855IDE Datasheet HTML 2Page - Linear Technology LTC2855IDE Datasheet HTML 3Page - Linear Technology LTC2855IDE Datasheet HTML 4Page - Linear Technology LTC2855IDE Datasheet HTML 5Page - Linear Technology LTC2855IDE Datasheet HTML 6Page - Linear Technology LTC2855IDE Datasheet HTML 7Page - Linear Technology LTC2855IDE Datasheet HTML 8Page - Linear Technology LTC2855IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2854/LTC2855
5
285455fa
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 4. Driver Timing Measurement
Figure 3. Receiver Input Current and Input Resistance
GND
OR
VCC
+
VOC
–
R
R
Z
Y
GND
OR
VCC
DI
DRIVER
+
VOD
–
–7V to +12V
Z
Y
DI
DRIVER
IOSD
+
–
285455 F01-2
+
–
RECEIVER
285455 F03
A OR B
VIN
IIN
B OR A
VIN
IIN
RIN =
DRIVER
DI
RDIFF
CL
CL
285455 F04a
Y
Z
tPLHD
1/2 VO
90%
90%
00
tRD
tFD
10%
285455 F04b
10%
VO
VCC
Y, Z
DI
Y-Z
0V
tSKEWD
tPHLD
Figure 5. Driver Enable and Disable Timing Measurements
DRIVER
DI
VCC
OR
GND
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
285455 F05a
Y
Z
DE
CL
tZLD,
tZLSD
tZHD,
tZHSD
tHZD,
tSHDN
tLZD
1/2 VCC
1/2 VCC
1/2 VCC
DE
Y OR Z
Z OR Y
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285455 F05b
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com