Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA101AM.A Datasheet(PDF) 3 Page - Texas Instruments

Part # INA101AM.A
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA101AM.A Datasheet(HTML) 3 Page - Texas Instruments

  INA101AM.A Datasheet HTML 1Page - Texas Instruments INA101AM.A Datasheet HTML 2Page - Texas Instruments INA101AM.A Datasheet HTML 3Page - Texas Instruments INA101AM.A Datasheet HTML 4Page - Texas Instruments INA101AM.A Datasheet HTML 5Page - Texas Instruments INA101AM.A Datasheet HTML 6Page - Texas Instruments INA101AM.A Datasheet HTML 7Page - Texas Instruments INA101AM.A Datasheet HTML 8Page - Texas Instruments INA101AM.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
INA101
3
PIN CONFIGURATIONS
Top View
10
1
5
3
4
–In
+In
Gain
Set
Offset
Adjust
Offset
Adjust
Gain Set
2
9
8
7
6
–V
CC
Common
Output
+V
CC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output
+V
CC
–Input
Gain Sense 1
Gain Set 1
Offset Adj.
Offset Adj.
Common
–V
CC
+Input
Gain Sense 2
Gain Set 2
A2 Output
A1 Output
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Output
+V
CC
–Input
Gain Sense 1
Gain Set 1
Offset Adj.
Offset Adj.
NC
Common
–V
CC
+Input
Gain Sense 2
Gain Set 2
A2 Output
A1 Output
NC
DIP
G and P Package
SOIC
U Package
TO-100
M Package
ORDERING INFORMATION
PRODUCT
PACKAGE
TEMPERATURE RANGE
INA101AM
10-Pin Metal TO-100
–25
°C to +85°C
INA101CM
10-Pin Metal TO-100
–25
°C to +85°C
INA101AG
14-Pin Ceramic DIP
–25
°C to +85°C
INA101CG
14-Pin Ceramic DIP
–25
°C to +85°C
INA101HP
14-Pin Plastic DIP
0
°C to +70°C
INA101KU
SOL-16 Surface-Mount
0
°C to +70°C
INA101SG
14-Pin Ceramic DIP
–55
°C to +125°C
INA101SM
10-Pin Metal TO-100
–55
°C to +125°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................................................
±20V
Power Dissipation .......................................................................... 600mW
Input Voltage Range ..........................................................................
±V
CC
Output Short Circuit (to ground) ............................................... Continuous
Operating Temperature M, G Package ........................... –55
°C to +125°C
P, U Package ................................................................. –25
°C to +85°C
Storage Temperature M, G Package .............................. –65
°C to +150°C
P, U Package ................................................................. –40
°C to +85°C
Lead Temperature (soldering, 10s) M, G, P Package ................... +300
°C
Lead Temperature (wave soldering, 3s) U Package ...................... +260
°C
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
INA101AM
10-Pin Metal TO-100
007
INA101CM
10-Pin Metal TO-100
007
INA101AG
14-Pin Ceramic DIP
169
INA101CG
14-Pin Ceramic DIP
169
INA101HP
14-Pin Plastic DIP
010
INA101KU
SOL-16 Surface-Mount
211
INA101SG
14-Pin Ceramic DIP
169
INA101SM
10-Pin Metal TO-100
007
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com