Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXANMBF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXANMBF
Description  ADAPTER, N-MALE TO BNC FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXANMBF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXANMBF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.31 33.3
.43 11
5/8-24UNEF
.79 20
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC - 2.5GHz
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTANDING VOLTAGE: 1000 V
INSERTION LOSS: .2dBi MAX
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
MAIN BODY
BRASS
NICKEL
INSULATOR
PTFE
-
CENTER PIN
BRASS
GOLD
RETAINING RING
BRASS
NICKEL
GASKET
RUBBER
-
PRESS FIT GROUND RING
BRASS
NICKEL
SHELL
BRASS
NICKEL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-NMBF
A
AXA-NMBF.SLDDRW
1
1
K.BURGNER
08/10/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
08/10/12
8/13/12
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER, N-MALE TO BNC FEMALE
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
08/10/12
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - AXANMBF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANMDF L-COM-AXANMDF Datasheet
67Kb / 1P
N-MALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
AXANMNF90 L-COM-AXANMNF90 Datasheet
119Kb / 1P
ADP,N-Male to N-Female R/Angle
4/6/10
AXANMNM L-COM-AXANMNM Datasheet
30Kb / 1P
N-MALE TO N-MALE BARREL" ADAPTOR
04/01/16
AXANMNM90 L-COM-AXANMNM90 Datasheet
38Kb / 1P
N-MALE TO N-MALE RIGHT ANGLE ADAPTER
07/18/06
AXANMRSJ L-COM-AXANMRSJ Datasheet
61Kb / 1P
N MALE TO RP-SMA JACK ADAPTER
More results

Similar Description - AXANMBF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3288 POMONA-3288 Datasheet
27Kb / 1P
Adapter N (Male) To BNC (Female)
logo
Pasternack Enterprises,...
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9005 PASTERNACK-PE9005 Datasheet
253Kb / 3P
N Female to BNC Male Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9278 PASTERNACK-PE9278 Datasheet
241Kb / 2P
N Male to BNC Female Right Angle Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9490 PASTERNACK-PE9490 Datasheet
253Kb / 2P
Precision N Female to BNC Male Adapter
PE9491 PASTERNACK-PE9491 Datasheet
253Kb / 2P
Precision N Male to BNC Female Adapter
PE9566 PASTERNACK-PE9566 Datasheet
251Kb / 2P
N Female to BNC Male Right Angle Adapter
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com