Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA152 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152 Datasheet(HTML) 3 Page - Texas Instruments

  INA152 Datasheet HTML 1Page - Texas Instruments INA152 Datasheet HTML 2Page - Texas Instruments INA152 Datasheet HTML 3Page - Texas Instruments INA152 Datasheet HTML 4Page - Texas Instruments INA152 Datasheet HTML 5Page - Texas Instruments INA152 Datasheet HTML 6Page - Texas Instruments INA152 Datasheet HTML 7Page - Texas Instruments INA152 Datasheet HTML 8Page - Texas Instruments INA152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INA152
3
SBOS184
INA152EA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
RTO(1) (2)
Input Offset Voltage
VCM = VOUT = 0V
±250
±1500
µV
vs Temperature
TA = –40°C ≤ TA ≤ 85°C
±3
±15
µV/°C
INPUT VOLTAGE RANGE(3)
Voltage Range, Common-Mode
VIN+ – VIN– = 0V
–2.5
+5.5
V
Common-Mode Rejection
0V < VCM < +5V, RSRC = 0Ω
80
94
dB
OUTPUT
Voltage
(V+) – 0.2
V
(V–) + 0.2
V
RL = 10kΩ to GND
(V–) + 0.05
V
SPECIFICATIONS: V
S = +5V
TA = +25°C, VS = +5V, Ref connected to VS/2, RL = 10kΩ connected to VS/2, unless otherwise noted.
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Top View
MSOP-8
Supply Voltage, V+ to V– .................................................................. +22V
Signal Input Terminals .................................................. +20V Continuous
Output Short-Circuit to GND Duration .................................... Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
INA152EA
MSOP-8
337
–40
°C to +85°C
B52
INA152EA/250
Tape and Reel
"
"
"
"
"
INA152EA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “INA152EA/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
Ref
V
IN–
V
IN+
V–
NC
V+
V
O
Sense
1
2
3
4
8
7
6
5
INA152
NC = No Internal Connection
NOTES: (1) Referred to output in unity-gain difference configuration. Note that this circuit has a gain of 2 for the op amp’s offset voltage and noise voltage.
(2) Includes effects of amplifier’s input bias and offset currents. (3) Limit IIN through 40kΩ resistors to 1mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com