Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541BCM Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4541BCM
Description  Programmable Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4541BCM Datasheet(HTML) 4 Page - SYC Electronica

  CD4541BCM Datasheet HTML 1Page - SYC Electronica CD4541BCM Datasheet HTML 2Page - SYC Electronica CD4541BCM Datasheet HTML 3Page - SYC Electronica CD4541BCM Datasheet HTML 4Page - SYC Electronica CD4541BCM Datasheet HTML 5Page - SYC Electronica CD4541BCM Datasheet HTML 6Page - SYC Electronica CD4541BCM Datasheet HTML 7Page - SYC Electronica CD4541BCM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD +0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(soldering, 10 seconds)
260
°C
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0 to VDD
Operating Temperature Range
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V, VIN = VDD or VSS
5
0.005
5
150
µA
VDD = 10V, VIN = VDD or VSS
10
0.010
10
300
VDD = 15V, VIN = VDD or VSS
20
0.015
20
600
VOL
LOW Level Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V |IO| < 1µA
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V |IO| < 1 µA
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
4
3.0
3.0
VDD = 15V, VO = 1.5V or 13.5V
4.0
6
4.0
4.0
VIH
HIGH Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
6
7.0
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
9
11.0
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
2.85
2.27
3.6
1.6
mA
(Note 3)
VDD = 10V, VO = 0.5V
4.16
4.0
9.0
2.8
VDD = 15V, VO = 1.5V
19.3
15.6
34.0
10.9
IOH
HIGH Level Output Current
VDD = 5V, VO = 2.5V
7.96
6.42
130
4.49
mA
(Note 3)
VDD = 10V, VO = 9.5V
4.19
3.38
8.0
2.37
VDD = 15V, VO = 13.5V
16.3
13.2
30.0
9.24
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com