Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-5LZ Datasheet(PDF) 13 Page - Vicor Corporation

Part # QPI-5LZ
Description  14A Active EMI Filter SiP for 24VDC Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-5LZ Datasheet(HTML) 13 Page - Vicor Corporation

Back Button QPI-5LZ Datasheet HTML 7Page - Vicor Corporation QPI-5LZ Datasheet HTML 8Page - Vicor Corporation QPI-5LZ Datasheet HTML 9Page - Vicor Corporation QPI-5LZ Datasheet HTML 10Page - Vicor Corporation QPI-5LZ Datasheet HTML 11Page - Vicor Corporation QPI-5LZ Datasheet HTML 12Page - Vicor Corporation QPI-5LZ Datasheet HTML 13Page - Vicor Corporation QPI-5LZ Datasheet HTML 14Page - Vicor Corporation QPI-5LZ Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
QPI™ Filters
Rev 3.0
Page 13 of 15
03/2020
QPI-5LZ
0.979" (OF)
0.996" (LID)
0.100
0.300
00000
00000
00000
.....
00000
0.441
0.100
0.300
0.441
0.000
0.100
0.300
0.441
0.100
0.300
0.441
0.979" (OF) 0.996" (LID)
QPI-5 PCB
Receptor Paern
(Top View)
QPI-5 LGA
Pa ern
(Boom View)
13 places
45.000°
0.1250"
0.000"
0.041"
0.082"
0.000"
0.041"
0.082"
0.000"
0.041"
0.082"
0.145"
R0.041
2 places
0.000"
0.043"
0.085"
0.149"
0.000"
0.043"
0.086"
0.000"
0.043"
0.086"
R0.043
0.129"
0.112"
0.000"
0.037"
0.073"
0.000"
0.037"
0.073"
0.000"
0.037"
0.073"
0.129"
R0.037
LGA Pad Detail:
Receiving Pad Detail:
Stencil Detail:
1 place
Pad and Stencil Definitions
Figure 18 — Bottom view of open-frame (OF) and lidded (LID) products (all dimensions are in inches)
Figure 19 — Recommended receptor and stencil patterns (all dimensions are in inches)
Note: Stencil definition is based on a 6mil stencil thickness, 80% of LGA pad area coverage.
LGA Package dimensions are for both the open-frame and lidded versions of the QPI-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com