Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6232 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6232
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 3 Page - Linear Technology

  LT6232 Datasheet HTML 1Page - Linear Technology LT6232 Datasheet HTML 2Page - Linear Technology LT6232 Datasheet HTML 3Page - Linear Technology LT6232 Datasheet HTML 4Page - Linear Technology LT6232 Datasheet HTML 5Page - Linear Technology LT6232 Datasheet HTML 6Page - Linear Technology LT6232 Datasheet HTML 7Page - Linear Technology LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6401-20
3
640120f
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristic
GDIFF
Gain
VIN = ±100mV Differential
●
19.4
20
20.6
dB
GTEMP
Gain Temperature Drift
VIN = ±100mV Differential
●
1
mdB/°C
VSWINGMIN
Output Swing Low
Each Output, VIN = ±400mV Differential
●
90
170
mV
VSWINGMAX
Output Swing High
Each Output, VIN = ±400mV Differential
●
2.3
2.44
V
VOUTDIFFMAX
Maximum Differential Output Swing
1dB Compressed
4.4
VP-P
IOUT
Output Current Drive
Single-Ended
●
10
mA
VOS
Input Offset Voltage
Differential
●
–2
2
mV
TCVOS
Input Offset Voltage Drift
Differential
●
1.4
μV/°C
IVRMIN
Input Common Mode Voltage Range, MIN
1
V
IVRMAX
Input Common Mode Voltage Range, MAX
1.6
V
RINDIFF
Input Resistance
Differential
●
170
200
230
Ω
CINDIFF
Input Capacitance
Differential, Includes Parasitic
1
pF
ROUTDIFF
Output Resistance
Differential
●
18
25
32
Ω
ROUTFDIFF
Filtered Output Resistance
Differential
●
85
100
115
Ω
COUTFDIFF
Filtered Output Capacitance
Differential, Includes Parasitic
2.7
pF
CMRR
Common Mode Rejection Ratio
Input Common Mode Voltage 1.1V to 1.4V
●
45
66
dB
Output Common Mode Voltage Control
GCM
Common Mode Gain
VOCM = 1V to 1.6V
1
V/V
VOCMMIN
Output Common Mode Range, MIN
●
1
1.1
V
V
VOCMMAX
Output Common Mode Range, MAX
●
1.6
1.5
V
V
VOSCM
Common Mode Offset Voltage
VOCM = 1.1V to 1.5V
●
–15
15
mV
TCVOSCM
Common Mode Offset Voltage Drift
●
6
μV/°C
IVOCM
VOCM Input Current
●
515
μA
⎯E⎯N⎯A⎯B⎯L⎯E Pin
VIL
⎯E⎯N⎯A⎯B⎯L⎯E Input Low Voltage
●
0.8
V
VIH
⎯E⎯N⎯A⎯B⎯L⎯E Input High Voltage
●
2.4
V
IIL
⎯E⎯N⎯A⎯B⎯L⎯E Input Low Current
⎯E⎯N⎯A⎯B⎯L⎯E = 0.8V
●
±0.5
μA
IIH
⎯E⎯N⎯A⎯B⎯L⎯E Input High Current
⎯E⎯N⎯A⎯B⎯L⎯E = 2.4V
●
1.2
3
μA
Power Supply
VS
Operating Supply Range
●
2.85
3
3.5
V
IS
Supply Current
⎯E⎯N⎯A⎯B⎯L⎯E = 0.8V
●
38
50
62
mA
ISHDN
Shutdown Supply Current
⎯E⎯N⎯A⎯B⎯L⎯E = 2.4V
●
13
mA
PSRR
Power Supply Rejection Ratio
(Differential Outputs)
2.85V to 3.5V
●
55
84
dB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, +IN = –IN = VOCM = 1.25V, ⎯E⎯N⎯A⎯B⎯L⎯E = 0V, No RL unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com