Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2641 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2641
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 1 Page - Linear Technology

  LTC2641 Datasheet HTML 1Page - Linear Technology LTC2641 Datasheet HTML 2Page - Linear Technology LTC2641 Datasheet HTML 3Page - Linear Technology LTC2641 Datasheet HTML 4Page - Linear Technology LTC2641 Datasheet HTML 5Page - Linear Technology LTC2641 Datasheet HTML 6Page - Linear Technology LTC2641 Datasheet HTML 7Page - Linear Technology LTC2641 Datasheet HTML 8Page - Linear Technology LTC2641 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2753
1
2753f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual Current Output
12-/14-/16-Bit SoftSpan
DACs with Parallel I/O
The LTC®2753 is a family of dual 12-, 14-, and 16-bit
multiplying parallel-input, current-output DACs. These
DACs operate from a single 2.7V to 5.5V supply and are all
guaranteedmonotonicovertemperature.TheLTC2753A-16
provides 16-bit performance (±1LSB INL and DNL) over
temperature without any adjustments. These SoftSpan™
DACs offer six output ranges—two unipolar and four
bipolar—that can be programmed through the parallel
interface, or pinstrapped for operation in a single range.
The LTC2753 DACs use a bidirectional input/output parallel
interface that allows readback of any on-chip register. A
power-on reset circuit resets the DAC outputs to 0V when
power is initially applied. A logic low on the CLR pin asyn-
chronously clears the DACs to 0V in any output range.
The parts are specified over commercial and industrial
temperature ranges.
Dual 16-Bit VOUT DAC with Software-Selectable Ranges
■
Six Programmable Output Ranges
Unipolar: 0V to 5V, 0V to 10V
Bipolar: ±5V, ±10V, ±2.5V, –2.5V to 7.5V
■
Maximum 16-Bit INL Error: ±1 LSB over Temperature
■
Low 1μA (Maximum) Supply Current
■
Guaranteed Monotonic over Temperature
■
Low Glitch Impulse 1nV•s
■
2.7V to 5.5V Single Supply Operation
■
2μs Settling Time to ±1 LSB
■
Parallel Interface with Readback of All Registers
■
Asynchronous CLR Pin Clears DAC Outputs to 0V in
Any Output Range
■
Power-On Reset to 0V
■
48-Pin 7mm × 7mm QFN Package
■
High Resolution Offset and Gain Adjustment
■
Process Control and Industrial Automation
■
Automatic Test Equipment
■
Data Acquisition Systems
LTC2753-16 Integral Nonlinearity (INL)
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2753 TA01b
25°C
90°C
–45°C
VDD = 5V
VREF = 5V
±10V RANGE
–
+
SPAN I/O
DATA I/O
DAC A
46
47
R1
R2
2
1
48
39
40
LTC2753-16
RFBA
IOUT1A
VOUTA
VOUTB
IOUT2A
RVOSA
RVOSB
IOUT2B
IOUT1B
RFBB
45
4
44
43
32
42
41
ROFSB
REFB
REFA
150pF
15pF
15pF
1/2 LT1469
1/2 LT1469
1/2 LT1469
RCOM
RIN
ROFSA
VREF
5V
DAC B
2753 TA01
16
3
I/O PORT
I/O PORT


Similar Part No. - LTC2641

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2641 LINER-LTC2641 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2641 LINER-LTC2641 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2641 LINER-LTC2641 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTC2641

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com