Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8122 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 14
Electrical Characteristics
Freescale Semiconductor
20
Table 11 summarizes the reset actions that occur as a result of the different reset sources.
2.5.4.1
Power-On Reset (PORESET) Pin
Asserting PORESET initiates the power-on reset flow. PORESET must be asserted externally for at least 16 CLKIN cycles after
VDD and VDDH are both at their nominal levels.
2.5.4.2
Reset Configuration
The MSC8122 has two mechanisms for writing the reset configuration:
•
Through the direct slave interface (DSI)
•
Through the system bus. When the reset configuration is written through the system bus, the MSC8122 acts as a
configuration master or a configuration slave. If configuration slave is selected, but no special configuration word is
written, a default configuration word is applied.
Fourteen signal levels (see Chapter 1 for signal description details) are sampled on PORESET deassertion to define the Reset
Configuration Mode and boot and operating conditions:
•
RSTCONF
•
CNFGS
•
DSISYNC
•
DSI64
•
CHIP_ID[0–3]
•
BM[0–2]
•
SWTE
•
MODCK[1–2]
Table 11. Reset Actions for Each Reset Source
Reset Action/Reset Source
Power-On
Reset
(PORESET)
Hard Reset (HRESET)
Soft Reset (SRESET)
External only
External or Internal
(Software Watchdog or
Bus Monitor)
External
JTAG Command:
EXTEST, CLAMP, or
HIGHZ
Configuration pins sampled (Refer to
Section 2.5.4.1 for details).
Yes
NoNoNo
SPLL state reset
Yes
No
No
No
System reset configuration write through
the DSI
Yes
NoNoNo
System reset configuration write though
the system bus
Yes
Yes
No
No
HRESET driven
Yes
Yes
No
No
SIU registers reset
Yes
Yes
No
No
IPBus modules reset (TDM, UART,
Timers, DSI, IPBus master, GIC, HS, and
GPIO)
Yes
Yes
Yes
Yes
SRESET driven
Yes
Yes
Yes
Depends on command
SC140 extended cores reset
Yes
Yes
Yes
Yes
MQBS reset
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com