Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC561 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation SC561 Datasheet HTML 10Page - Semtech Corporation SC561 Datasheet HTML 11Page - Semtech Corporation SC561 Datasheet HTML 12Page - Semtech Corporation SC561 Datasheet HTML 13Page - Semtech Corporation SC561 Datasheet HTML 14Page - Semtech Corporation SC561 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SC561
11
Applications Information (continued)
Protection Features
The SC561 provides protection features to ensure that no
damage is incurred in the event of a fault condition. These
functions include:
Under-Voltage Lockout
Over-Temperature Protection
Short-Circuit Protection
Under-Voltage Lockout
The Under-Voltage Lockout (UVLO) circuit protects the
device from operating in an unknown state if the input
voltage supply is too low.
When the V
IN
drops below the UVLO threshold, as defined
in the Electrical Characteristics section, the LDOs are
disabled and PGOOD is held low. The LDOs are re-enabled
into their previous states when VIN is increased above the
hysteresis level. When powering up with V
IN
below the
UVLO threshold, the LDOs remain disabled and PGOOD is
held low.
Over-Temperature Protection
An internal Over-Temperature (OT) protection circuit is
provided that monitors the internal junction temperature.
When the temperature exceeds the OT threshold as
defined in the Electrical Characteristics section, the OT
protection disables both LDO outputs and holds the
PGOOD signal low. The LDOs can only be re-enabled by
cycling the EN pin.
•
•
•
Short-Circuit Protection
Each output has short-circuit protection. If the output
current exceeds the current limit, the output voltage will
drop and the output current will be limited until the load
current returns to a specified level.
Component Selection
A minimum capacitance of 1μF on each output is required
to ensure stability. This must be considered when
choosing very small size capacitors as the dc bias must
be included in their derating to ensure this required value.
For example, a 1μF 0402 size capacitor may work at low
output voltages, but the capacitance may be too low at
higher output voltages. Although there is no maximum
value of output capacitor specified, very large values may
increase the rise time of the output voltages without
affecting stability. It is recommended that the value of
output capacitance be restricted to a maximum of 10μF.
Ceramic capacitors of type X5R or X7R should be used
because of their low ESR and stable temperature
coefficients. It is also recommended that the input be
bypassed with a 2.2μF, low ESR X5R or X7R capacitor to
minimize noise and improve transient response. Note:
Tantalum and Y5V capacitors are not recommended.
The BYP pin on the SC561 must have a minimum of 22nF
connected to ground to meet all noise-sensitive require-
ments. This value can be increased to a maximum of 1μF
to improve noise and PSRR. However, larger values of
bypass capacitor will increase the start-up time of the
SC561.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com