Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC4 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # STCC4
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  STCC4 Datasheet HTML 1Page - Sensirion AG Switzerland STCC4 Datasheet HTML 2Page - Sensirion AG Switzerland STCC4 Datasheet HTML 3Page - Sensirion AG Switzerland STCC4 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
1 / 18
Datasheet ‒ STCC4 CO2 Sensor
Minimal Size. Maximize the Potential.
Highlights
•
Thermal conductivity measurement principle
•
CO2 measurement accuracy ±(100 ppm + 10%)
from 400 – 5’000 ppm
•
Digial I2C interface and calibrated output signal
•
Avg. current consumption below 100 µA in
single shot measurement mode
•
Configurable I2C address
•
Tape and reel package, reflow solderable
The STCC4 is Sensirion’s next generation miniature CO2 sensor for indoor air quality applications. Based on the
thermal conductivity sensing principle and Sensirion’s CMOSens® technology, the STCC4 enables monitoring
of CO2 gas concentration in ambient indoor air conditions at an unmatched cost-effectiveness and form factor.
SMD assembly as well as tape & reel packaging allows cost- and space-effective integration of the STCC4 for
high-volume applications. The STCC4 is 100% factory-calibrated and enables automatic on-board
compensation of the CO2 output for humidity and temperature through an external SHT4x sensor.
Functional Block Diagram


Similar Part No. - STCC4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
More results

Similar Description - STCC4

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A8520 ANAREN-A8520 Datasheet
960Kb / 2P
Minimal RF engineering experience necessary
logo
Littelfuse
ZEN056V230A16YC LITTELFUSE-ZEN056V230A16YC Datasheet
1Mb / 9P
Minimal power dissipation requirements
ZEN132V075A48LS LITTELFUSE-ZEN132V075A48LS Datasheet
876Kb / 9P
Minimal power dissipation requirements
logo
ATMEL Corporation
T5744 ATMEL-T5744_97 Datasheet
365Kb / 19P
Minimal External Circuitry Requirements, no RF Components on the PC Board Except Matching to the Receiver Antenna
logo
Advantech Co., Ltd.
DS-980 ADVANTECH-DS-980 Datasheet
964Kb / 3P
Maximize the Impact of Your Message with Six-Display Video Wall Solutions
logo
PHOENIX CONTACT
2906490 PHOENIX-2906490 Datasheet
54Kb / 3P
Lateral elements with potential ground contact available from the PCB to the DIN rail (EMC)
2907583 PHOENIX-2907583 Datasheet
66Kb / 3P
Lateral elements with potential ground contact available from the PCB to the DIN rail (EMC)
2959337 PHOENIX-2959337 Datasheet
49Kb / 2P
Lateral elements with potential ground contact available from the PCB to the DIN rail (EMC)
logo
Hotchip Technology Co.,...
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
Highly integrated, minimal peripheral components
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
Highly integrated, minimal peripheral components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com