Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC4-D-R3 Datasheet(PDF) 15 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 15 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 16Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 17Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 18Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
15 / 18
4
Physical Specification
4.1 Package Description
STCC4 consists of a metal cap LGA package. The sensor opening is protected by a membrane on the metal
cap. The protective membrane must not be removed or tampered with. Sensors must be treated according to
Moisture Sensitivity Level 1 (MSL1) as per IPC/JEDEC J-STD-033D15. It is recommended to process the sensors
within one year after delivery date.
4.2 Package Outline
The STCC4 package outline with nominal dimensions and tolerances can be seen in Figure 3.
Figure 3. Package outline drawing. All dimensions in millimeters.
4.3 Land Pattern
The recommended land pattern for STCC4 can be seen in Figure 4. Pin 1 is denoted by a chamfered edge. Pads
on PCB are recommended to be non-solder mask defined (NSMD). The exact mask geometries, distances and
stencil thicknesses must be adapted to the required soldering processes.
Figure 4. Recommended land pattern. All dimensions in millimeters.
15
IPC/JEDEC J-STD-033D, April 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com