Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS85.115 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS85.115
Description  Schottky barrier diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS85.115 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS85.115 Datasheet HTML 1Page - NXP Semiconductors BAS85.115 Datasheet HTML 2Page - NXP Semiconductors BAS85.115 Datasheet HTML 3Page - NXP Semiconductors BAS85.115 Datasheet HTML 4Page - NXP Semiconductors BAS85.115 Datasheet HTML 5Page - NXP Semiconductors BAS85.115 Datasheet HTML 6Page - NXP Semiconductors BAS85.115 Datasheet HTML 7Page - NXP Semiconductors BAS85.115 Datasheet HTML 8Page - NXP Semiconductors BAS85.115 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAS85_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2009
2 of 9
NXP Semiconductors
BAS85
Schottky barrier diode
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
[1]
grey: made in Philippines
purple: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS85
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code[1]
BAS85
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IF(AV)
average forward current
[1] -
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
300
mA
IFSM
non-repetitive peak
forward current
tp =10ms
-
5
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+125
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com