Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3154BA1C Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZSSC3154BA1C
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA1C Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZSSC3154BA1C Datasheet HTML 10Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 11Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 12Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 13Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 14Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 15Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 16Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 17Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ZSSC3154 Datasheet
R36DS0046ED0160 Rev.1.50
Apr 19, 2024
Page 14
3.8.3
Analog-to-Digital Converter
The analog-to-digital converter is implemented using the full differential switched-capacitor technique. The A/D
resolution is 14-bit. The ADC operates in the second order configuration. The conversion is largely insensitive to
short-term and long-term instabilities of the clock frequency. The ADC must be configured for the following
features:
■
Adjustable A/D conversion time and integration phase length
■
Adjustable A/D conversion input voltage range
Table 7. ADC Resolution versus Output Resolution and Sample Rate
ADC Resolution
rADC
ADC Resolution
Integration Phase
Bridge Sensor Signal
Sample Rate
fOSC = Nominal
Averaged Bandwidth
fOSC = Nominal
14-bit
10-bit
0.60kHz
225Hz
9-bit
1.13kHz
425Hz
8-bit
2.03kHz
765Hz
7-bit
2.54kHz
955Hz
3.9
Signal Outputs
3.9.1
Analog Output
ZSSC3154 provides two analog outputs at the AOUT1 and AOUT2 pins. The analog output behavior and the
assignment of the several conditioned sensor signals to the analog outputs are configurable:
■
Conditioned bridge sensor signal is always assigned to and continuously output at the AOUT1 pin.
■
Conditioned temperature signal can be assigned to the analog output at the AOUT2 pin.
■
Conditioned half-bridge signal can be assigned to the analog output at the AOUT2 pin.
■
A function of the conditioned bridge sensor signal can be assigned to the analog output at the AOUT2 pin.
■
A sequential analog output mode can be assigned to the analog output at the AOUT2 pin. The sequence of
output signals includes the diagnostic fault band HIGH and LOW level, the conditioned temperature or the
half-bridge signal, and a function of the conditioned bridge sensor signal (refer to section 3.9.2).
■
Both analog outputs support low-pass filtering of the assigned conditioned sensor signals.
■
Both analog outputs can support diagnostic procedures of the application by providing a power-on diagnostic
output waveform.
For a detailed description of analog output modes and their configuration, refer to the ZSSC3154 Functional
Description.
3.9.2
Sequential Analog Output
The sequential analog output mode allows the analog output of two conditioned sensor signals at the AOUT2
pin. The sequence of output signals includes both the low and high diagnostic fault band levels (DFB Low and
DFB High, respectively) for synchronization and for a repeated verification of diagnostic levels. This is followed
by output of the conditioned temperature or half-bridge signal to provide the second signal. The last transmission
in the sequence is a function of the conditioned bridge sensor signal for verification of the analog output at the
AOUT1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com