Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2902 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2902
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2902 Datasheet(HTML) 1 Page - Linear Technology

  LTC2902 Datasheet HTML 1Page - Linear Technology LTC2902 Datasheet HTML 2Page - Linear Technology LTC2902 Datasheet HTML 3Page - Linear Technology LTC2902 Datasheet HTML 4Page - Linear Technology LTC2902 Datasheet HTML 5Page - Linear Technology LTC2902 Datasheet HTML 6Page - Linear Technology LTC2902 Datasheet HTML 7Page - Linear Technology LTC2902 Datasheet HTML 8Page - Linear Technology LTC2902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2917/LTC2918
1
29178f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Voltage Supervisor
with 27 Selectable Thresh-
olds and Watchdog Timer
The LTC®2917-A/LTC2917-B and LTC2918-A/LTC2918-B
are low voltage single-supply monitors with selectable
thresholds and an adjustable watchdog timer. The parts
operate from 1.5V to 5.5V and consume a quiescent cur-
rent of only 30μA.
Two three state inputs select one of nine internally pro-
grammed thresholds without the need for external resistors.
For the LTC2917, an additional three state input determines
the tolerance (–5%, –10%, –15%). The tolerance for the
LTC2918 is fixed at –5%. Threshold accuracy is guaranteed
at ±1.5% over the entire operating temperature range.
Glitch filtering ensures reliable reset operation without
false triggering.
The reset timeout and the watchdog timeout may be set
with no external components, or adjusted using an exter-
nal capacitor. A windowed watchdog feature is available
for high-reliability applications (B1 versions). A separate
manual reset input on the LTC2918-A/LTC2918-B allows
a simple push button interface.
Operation to 125°C makes the LTC2917-A/LTC2917-B
and LTC2918-A/LTC2918-B suitable for automotive ap-
plications.
1.8V Supply Monitor with Manual
Reset and Internal Timers Selected
■
9 Selectable Supply Voltages
12V, 5V, 3.3V, 2.5V, 1.8V
1.5V, 1.2V, 1V, +ADJ (0.5V)
■
3 Selectable Tolerances
–5%, –10%, –15% (LTC2917)
■
Manual Reset Input (LTC2918)
■
1.5V to 5.5V Supply Operation
■
Adjustable Watchdog Timeout
■
Windowed Watchdog Timeout for Higher Reliability
Applications (LTC2917-B, LTC2918-B)
■
6.2V Shunt Regulator for High Voltage Operation
■
Guaranteed to 125˚C
■
Guaranteed Threshold Accuracy: ±1.5%
■
Low Quiescent Current: 30μA Typical
■
Power Supply Glitch Immunity
■
Guaranteed ⎯R⎯S⎯T for VCC ≥ 0.8V
■
10-Lead MSOP Packages and (3mm × 2mm) DFN
Packages
■
Handheld Devices
■
Cell Phone Base Stations
■
Automotive Control Systems
■
Network Servers
■
Optical Networking Systems
NOMINAL VOLTAGE
SEL1
SEL2
12V
VCC
VCC
5V
VCC
Open
3.3V
VCC
GND
2.5V
Open
VCC
1.8V
Open
Open
1.5V
Open
GND
1.2V
GND
VCC
1V
GND
Open
ADJ (0.5V)
GND
GND
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1.8V
10k
29178 TA01
VM
WDI
RT
WT
SEL1
SEL2
MR
GND
VCC
LTC2918-A
μP
RST
RST
I/O
0.1
μF
tWDU = 1.6s
tRST = 200ms
Monitor Selection Table


Similar Part No. - LTC2902

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2902 LINER-LTC2902 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2902 LINER-LTC2902 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2902

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
Linear Technology
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
logo
Rohm
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
Regulators with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Linear Technology
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com