Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5657 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N5657
Description  SILICON NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5657 Datasheet(HTML) 2 Page - STMicroelectronics

  2N5657 Datasheet HTML 1Page - STMicroelectronics 2N5657 Datasheet HTML 2Page - STMicroelectronics 2N5657 Datasheet HTML 3Page - STMicroelectronics 2N5657 Datasheet HTML 4Page - STMicroelectronics 2N5657 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
6.25
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCE =375 V
0.01
mA
ICEV
Collect or Cut-off
Current (VBE = -1.5V)
VCE =350 V
VCE =250 V
Tc =100
oC
0.1
1
mA
mA
ICEO
Collect or Cut-off
Current (IB =0)
VCE =250 V
0.1
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =6 V
0.01
mA
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
IC = 1 mA
350
V
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
IC = 100 mA
L = 50 mH
350
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =0.1 A
IB =10 mA
IC =0. 25 A
IB =25 mA
IC =0.5 A
IB =0.1 A
1
2.5
10
V
V
V
VBE
Base-Emitt er Voltage
IC =0.1 A
VCE =10 V
1
V
hFE
DC Current G ain
IC =50 mA
VCE =10 V
IC =0.1 A
VCE =10 V
IC =0. 25 A
VCE =10 V
IC =0.5 A
VCE =10 V
25
30
15
5
250
hfe
Small Signal Current
Gain
IC =0. 1 A
VCE = 10 V
f = 1KHz
20
fT
Transit ion f requency
IC =50 mA
VCE =10 V
f =10MHz
10
MHz
CCBO
Collect or Base
Capacitance
VCB = 10 V
f = 100KHz
25
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Derating Curve
2N5657
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com