Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR3DM18A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR3DM18A
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM18A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR3DM18A Datasheet HTML 1Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 2Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
2
4.
Absolute Maximum Ratings (Note) (Ta = 25 °C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
-0.3 to 6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3 ≤ 6.0
V
Power dissipation
PD
420
(Note1)
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the
operating ranges.
Please
design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc).
Note1:
Rating at mounting on a board
Glass epoxy(FR4) board dimension: 40 mm x 40 mm x 1.6mm, both sides of board.
Metal pattern ratio: a surface approximately 50%, the reverse side approximately 50 %
Through hole hall: diameter 0.5 mm x 24 pcs
5.
Pin Assignment (Top view)
6.
Operating Ranges
Note 2: Please refer to Dropout Voltage and use it within Absolute Maximum Ratings Junction temperature and Operation
Temperature Ranges.
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
1.5 to
5.5
(Note 2)
V
Control voltage
VCT
0 to 5.5
V
Output voltage
VOUT
1.0 to 4.5
V
Output current
IOUT
DC
300
mA
Operation Temperature
Topr
-40 to 85
°C
Output Capacitance
COUT
≥ 1.0
µF
Input Capacitance
CIN
≥ 1.0
µF
*Center electrode should be connected to GND or Open
VOUT
CONTROL
GND
VIN
1
2
4
3
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com