Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8364Y/2K Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8364Y/2K
Description  250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8364Y/2K Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8364Y/2K Datasheet HTML 17Page - Texas Instruments ADS8364Y/2K Datasheet HTML 18Page - Texas Instruments ADS8364Y/2K Datasheet HTML 19Page - Texas Instruments ADS8364Y/2K Datasheet HTML 20Page - Texas Instruments ADS8364Y/2K Datasheet HTML 21Page - Texas Instruments ADS8364Y/2K Datasheet HTML 22Page - Texas Instruments ADS8364Y/2K Datasheet HTML 23Page - Texas Instruments ADS8364Y/2K Datasheet HTML 24Page - Texas Instruments ADS8364Y/2K Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADS8364
21
SBAS219C
www.ti.com
DATE REVISION PAGE
SECTION
DESCRIPTION
1
—
Changed Throughput Rate from 250kHz to 250kSPS throughout document.
2
Dissipation Ratings Table
Changed package from DGK to PAG.
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
C
8/06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com