Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8519IBDBR Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8519IBDBR
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8519IBDBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8519IBDBR Datasheet HTML 9Page - Texas Instruments ADS8519IBDBR Datasheet HTML 10Page - Texas Instruments ADS8519IBDBR Datasheet HTML 11Page - Texas Instruments ADS8519IBDBR Datasheet HTML 12Page - Texas Instruments ADS8519IBDBR Datasheet HTML 13Page - Texas Instruments ADS8519IBDBR Datasheet HTML 14Page - Texas Instruments ADS8519IBDBR Datasheet HTML 15Page - Texas Instruments ADS8519IBDBR Datasheet HTML 16Page - Texas Instruments ADS8519IBDBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
0
1000
2000
3000
4000
5000
6000
7000
8000
65530
65531
65532
65533
65534
Code
1
712
6930
547
2
4.09
4.092
4.094
4.096
4.098
4.1
4.102
4.104
-40
-20
0
20
40
60
80
T -Free-AirTemperature- C
A
°
15
16
17
18
19
20
21
22
23
24
25
-40
-20
0
20
40
60
80
T -Free-AirTemperature- C
A
°
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
InternalReference
±10VRange
T -Free-AirTemperature- C
A
°
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-40
-20
0
20
40
60
80
InternalReference
±10VRange
T -Free-AirTemperature- C
A
°
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-40
-20
0
20
40
60
80
InternalReference
±10VRange
T -Free-AirTemperature- C
A
°
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
-40
-20
0
20
40
60
80
T -Free-AirTemperature- C
A
°
ExternalReference
±10VRange
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
-40
-20
0
20
40
60
80
T -Free-AirTemperature- C
A
°
ExternalReference
±10VRange
70
75
80
85
90
95
100
105
-40
-20
0
20
40
60
80
T -Free-AirTemperature- C
A
°
f
=250kSPS
f =20kHz
S
I
ADS8519
www.ti.com
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
INTERNAL VOLTAGE REFERENCE
vs
vs
HISTOGRAM
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
BIPOLAR ZERO ERROR
POSITIVE FULL-SCALE ERROR
NEGATIVE FULL-SCALE ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
POSITIVE FULL-SCALE ERROR
NEGATIVE FULL-SCALE ERROR
SPURIOUS FREE DYNAMIC RANGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com