Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COMPACT-808 Datasheet(PDF) 2 Page - Coherent Corp

Part # COMPACT-808
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-808 Datasheet(HTML) 2 Page - Coherent Corp

  COMPACT-808 Datasheet HTML 1Page - Coherent Corp COMPACT-808 Datasheet HTML 2Page - Coherent Corp COMPACT-808 Datasheet HTML 3Page - Coherent Corp COMPACT-808 Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Compact Series 808
SPECIFICATIONS
Compact 808
Nominal Power (W)
30
60
100
35
70
100
50
90
120
Power Range (%)
10 to 100
Laser Beam Quality (BPP) (mm * mrad)
22
44
Power Stability Over 24-hour; Cooling Water ΔT = ± 1 K
(%)
±2
Pulse Frequency Range
Laser On-Signal (Hz)
Analog Modulation (Hz)
10
750
Wavelength (nm)
808
ELECTRICAL RATINGS
Voltage (V AC)
200-240 (1P//N/PE)
Connected Load (kVA)
≤ 0.6
Effective Power at Nominal Power (kW)
≤ 0.54
Max. Current Consumption at 230 V (A)
≤ 2.7
Fuses Type NH (A)
16
FIBER DELIVERY SYSTEM
Interface
SMA
Diameter (µm)
800
200
400
Numerical Aperture
0.12
0.22
Length (m)
≤ 20
Accessories (options)
Fixed Optics, Scanners, Process control via Pyrometer, Radial Optics, Line Optics
DIMENSIONS & WEIGHTS
Laser Dimension (L x W x H) (mm)
~500 x ~483 x ~176
Laser Weight (kg)
< 25
ENVIRONMENTAL CONDITIONS
Ambient Temperature in Operation (°C)
0 to 10
Storage Temperature (°C)
24
CUSTOMER INTERFACE
Analog Power (V DC)
0 to 10
Digital Signals (V DC)
24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com